Electronic Components Datasheet Search
  English  ▼

X  

SF30 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # SF30
Description  Encapsulated DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SF30 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  SF30 Datasheet HTML 1Page - Arch Electronics Corp. SF30 Datasheet HTML 2Page - Arch Electronics Corp. SF30 Datasheet HTML 3Page - Arch Electronics Corp. SF30 Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : C_1
update : 98.04.09
Encapsulated DC-DC Converter
SF30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
SF30-24-2.5S
SF30-24-3.3S
SF30-24-5S
SF30-24-12S
SF30-24-15S
SF30-24-24S
Max. Output Wattage (W)
15W
19.8W
30W
30W
30W
30W
Input Voltage (V.DC.)
24V (10-40V)
24V (10-40V)
24V (10-40V)
24V (10-40V)
24V (10-40V)
24V (10-40V)
Output Voltage (V.DC.)
2.5V / 6000mA
3.3V / 6000mA
5V / 6000mA
12V / 2500mA
15V / 2000mA
24V / 1250mA
Efficiency (%)
80%
83%
85%
83%
83%
84%
capacitor Load max
33000
μF
19500
μF
10200
μF
820
μF
420
μF
180
μF
Model No.
( Single Output )
SF30-48-2.5S
SF30-48-3.3S
SF30-48-5S
SF30-48-12S
SF30-48-15S
SF30-48-24S
Max. Output Wattage (W)
15W
19.8W
30W
30W
30W
30W
Input Voltage (V.DC.)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Output Voltage (V.DC.)
2.5V / 6000mA
3.3V / 6000mA
5V / 6000mA
12V / 2500mA
15V / 2000mA
24V / 1250mA
Efficiency (%)
81%
85%
87%
84%
84%
84%
capacitor Load max
33000
μF
19500
μF
10200
μF
820
μF
420
μF
180
μF
Model No.
( Dual Output )
SF30-24-5D
SF30-24-12D
SF30-24-15D
SF30-48-5D
SF30-48-12D
SF30-48-15D
Max. Output Wattage (W)
30W
30W
30W
30W
30W
30W
Input Voltage (V.DC.)
24V (10-40V)
24V (10-40V)
24V (10-40V)
48V (18-75V)
48V (18-75V)
48V (18-75V)
Output Voltage (V.DC.)
±5V / ±3000mA
±12V / ±1250mA
±15V / ±1000mA
±5V / ±3000mA
±12V / ±1250mA
±15V / ±1000mA
Efficiency (%)
81%
83%
83%
82%
84%
83%
capacitor Load max
±4800
μF
±560
μF
±470
μF
±4800
μF
±560
μF
±470
μF
Model No.
( Single Output )
SF30-24-2.5S
SF30-48-2.5S
SF30-24-3.3S
SF30-48-3.3S
SF30-24-5S
SF30-48-5S
SF30-24-12S
SF30-48-12S
SF30-24-15S
SF30-48-15S
SF30-24-24S
SF30-48-24S
Max Output Wattage (W)
15W
19.8W
30W
30W
30W
30W
Voltage (V.DC.)
2.5
3.3
5
12
15
24
Voltage Accuracy
±2%
Current (mA) max
6000
6000
6000
2500
2000
1250
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±1%
Ripple
100 mV
max.
±1% max.
Noise
100 mV
max.
±1% max.
Trim
±10%
Output
Switching Frequency
250KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.0 x 1.6 x 0.47 Inches ( 50.8 x 40.6 x 11.9 mm ) Tolerance
±0.5 mm
Case Material
Nickel-Coated Copper with Non-Conductive Base, Six-side shielded.
Weight
58 g
Physical
Cooling Method
Free-air convection
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Power Module for PCB Mountable
High Efficiency Up To 87%
4:1 Wide Input Range
Six-sided Continuous Shield
Standard Package
Screw Terminal for Optional
2 Years Product Warranty


Similar Part No. - SF30

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF30-005 FRONTIER-SF30-005 Datasheet
127Kb / 2P
3A SUPER FAST RECOVERY RECTIFIER
SF30-005-LFR FRONTIER-SF30-005-LFR Datasheet
128Kb / 3P
3A SUPER FAST RECOVERY RECTIFIER
SF30-005G FRONTIER-SF30-005G Datasheet
127Kb / 2P
3A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF30-01 FRONTIER-SF30-01 Datasheet
127Kb / 2P
3A SUPER FAST RECOVERY RECTIFIER
SF30-01-LFR FRONTIER-SF30-01-LFR Datasheet
128Kb / 3P
3A SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
Encapsulated DC-DC Converter
SB03 ARCH-SB03 Datasheet
110Kb / 2P
Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
Encapsulated DC - DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com