Electronic Components Datasheet Search
  English  ▼

X  

SH05 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # SH05
Description  Encapsulated DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

SH05 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  SH05 Datasheet HTML 1Page - Arch Electronics Corp. SH05 Datasheet HTML 2Page - Arch Electronics Corp. SH05 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VER : A_1
update : 98.04.09
Encapsulated DC-DC Converter
SH05 SERIES
5 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
Model No. ( Dual Output )
SH05-24F-5D
SH05-24F-12D
SH05-24F-15D
Max Output Wattage (W)
5W
6W
6W
Input Voltage (V.DC.)
12V (9-36V)
12V (9-36V)
12V (9-36V)
Output Voltage (V.DC.)
±5V / ±500mA
±12 / ±250mA
±15 / ±200mA
Efficiency (typ.)
81%
83%
83%
Capacitor Load (max)
1000
μF
220
μF
100
μF
Model No. ( Dual Output )
SH05-48F-5D
SH05-48F-12D
SH05-48F-15D
Max Output Wattage (W)
5W
6W
6W
Input Voltage (V.DC.)
24V (18-75V)
24V (18-75V)
24V (18-75V)
Output Voltage (V.DC.)
±5V / ±500mA
±12 / ±250mA
±15 / ±200mA
Efficiency (typ.)
81%
84%
83%
Capacitor Load (max)
1000
μF
220
μF
100
μF
Model No.
( Dual Output )
SH05-24F-5D
SH05-48F-5D
SH05-24F-12D
SH05-48F-12D
SH05-24F-15D
SH05-48F-15D
Max Output Wattage (W)
5W
6W
6W
Input
Input Filter
π type
Voltage (V.DC.)
±5
±12
±15
Voltage Accuracy
±2%
Current (mA) max
±500
±250
±200
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±1%
±1%
±1%
Minimum Load
0%
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Output
Switching Frequency
300KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-25°C…+60°C (at Full Load)
Storage Temperature
-55°C…+105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>800,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.25 x 0.8 x 0.44 Inches ( 31.8 x 20.3 x 11.2 mm ) Tolerance
±0.5 mm
Case Material
Nickel-Coated Copper with Non-Conductive Base, Six-side shielded.
Weight
20 g
Physical
Cooling Method
Free-air convection
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
OUTPUT NOISE
The output noise is measured with 0.1
μF tantalum capacitor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com