Electronic Components Datasheet Search
  English  ▼

X  

ZB15 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ZB15
Description  Encapsulated DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ZB15 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ZB15 Datasheet HTML 1Page - Arch Electronics Corp. ZB15 Datasheet HTML 2Page - Arch Electronics Corp. ZB15 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : A_3
update : 98.04.09
Encapsulated DC-DC Converter
ZB15 SERIES
15 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
ZB15-12-3.3S
ZB15-12-5S
ZB15-12-12S
ZB15-12-15S
ZB15-12-24S
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
3.3V / 3000mA
5V / 3000mA
12V / 1250mA
15V / 1000mA
24V / 625mA
Efficiency
77%
80%
82%
84%
84%
Model No.
ZB15-24-3.3S
ZB15-24-5S
ZB15-24-12S
ZB15-24-15S
ZB15-24-24S
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
3.3V / 3000mA
5V / 3000mA
12V / 1250mA
15V / 1000mA
24V / 625mA
Efficiency
77%
82%
85%
86%
87%
Model No.
ZB15-48-3.3S
ZB15-48-5S
ZB15-48-12S
ZB15-48-15S
ZB15-48-24S
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
3.3V / 3000mA
5V / 3000mA
12V / 1250mA
15V / 1000mA
24V / 625mA
Efficiency
79%
83%
86%
87%
87%
Model No. ( Dual Output )
ZB15-12-5D
ZB15-12-12D
ZB15-12-15D
Input Voltage (V.DC.)
12V (9-18V)
12V (9-18V)
12V (9-18V)
Output Voltage (V.DC.)
±5V / ±1500mA
±12 / ±625mA
±15 / ±500mA
Efficiency
78%
79%
79%
Model No. ( Dual Output )
ZB15-24-5D
ZB15-24-12D
ZB15-24-15D
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
±5V / ±1500mA
±12 / ±625mA
±15 / ±500mA
Efficiency
78%
79%
79%
Model No. ( Dual Output )
ZB15-48-5D
ZB15-48-12D
ZB15-48-15D
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
±5V / ±1500mA
±12 / ±625mA
±15 / ±500mA
Efficiency
78%
79%
79%
KEY FEATURES
Power Module for PCB Mountable
Low Cost but High Reliability
2:1 Input Range
Regulated Output
Low Ripple and Noise
Remote ON/OFF Control (Optional)
2 Years Product Warranty


Similar Part No. - ZB15

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ZB15-12-12S ARCH-ZB15-12-12S Datasheet
236Kb / 3P
Power Module for PCB Mountable
ZB15-12-15S ARCH-ZB15-12-15S Datasheet
236Kb / 3P
Power Module for PCB Mountable
ZB15-12-24S ARCH-ZB15-12-24S Datasheet
236Kb / 3P
Power Module for PCB Mountable
ZB15-12-3.3S ARCH-ZB15-12-3.3S Datasheet
236Kb / 3P
Power Module for PCB Mountable
ZB15-12-5S ARCH-ZB15-12-5S Datasheet
236Kb / 3P
Power Module for PCB Mountable
More results

Similar Description - ZB15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
NI20 ARCH-NI20 Datasheet
96Kb / 2P
Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
Encapsulated DC-DC Converter
SB03 ARCH-SB03 Datasheet
110Kb / 2P
Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
Encapsulated DC-DC Converter
ST30 ARCH-ST30 Datasheet
192Kb / 4P
Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
Encapsulated DC - DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com