Electronic Components Datasheet Search
  English  ▼

X  

MAC12D Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC12D
Description  TRIACS 12 AMPERES RMS 400 thru 800 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC12D Datasheet(HTML) 1 Page - Motorola, Inc

  MAC12D Datasheet HTML 1Page - Motorola, Inc MAC12D Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3–53
Motorola Thyristor Device Data
Advance Information
TRIACS
Silicon Bidirectional Thyristors
Designed for high performance full–wave ac control applications where high
noise immunity and commutating di/dt are required.
• Blocking Voltage to 800 Volts
• On-State Current Rating of 12 Amperes RMS at 70°C
• Uniform Gate Trigger currents in Three Modes
• High Immunity to dv/dt — 250 V/µs minimum at 125°C
• High Commutating di/dt — 6.5 A/ms minimum at 125°C
• Industry Standard TO–220 AB Package
• High Surge Current Capability — 120 Amperes
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Repetitive Off-State Voltage (1)
(TJ = –40 to 125°C, Sine Wave, 50 to 60 Hz, Gate Open)
MAC12D
MAC12M
MAC12N
VDRM
400
600
800
Volts
On-State RMS Current
(Full Cycle Sine Wave, 60 Hz, TC = 70°C)
IT(RMS)
12
A
Peak Non-repetitive Surge Current
(One Full Cycle, 60 Hz, TJ = 125°C)
ITSM
100
A
Circuit Fusing Consideration (t = 8.3 ms)
I2t
41
A2sec
Peak Gate Power (Pulse Width
≤ 1.0 µs, TC = 80°C)
PGM
16
Watts
Average Gate Power (t = 8.3 ms, TC = 80°C)
PG(AV)
0.35
Watts
Operating Junction Temperature Range
TJ
– 40 to +125
°C
Storage Temperature Range
Tstg
– 40 to +150
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
R
θJC
R
θJA
2.2
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
TJ = 25°C
(VD = Rated VDRM, Gate Open)
TJ =1 25°C
IDRM
—
—
—
—
0.01
2.0
mA
(1)
VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; positive gate voltage shall
not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MAC12
SERIES
CASE 221A–06
(TO-220AB)
Style 4
MT1
MT2
G
TRIACS
12 AMPERES RMS
400 thru 800
VOLTS
*Motorola preferred devices
MT2
*
REV 1


Similar Part No. - MAC12D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
logo
Kersemi Electronic Co.,...
MAC12D KERSEMI-MAC12D Datasheet
414Kb / 6P
Silicon Bidirectional Thyristors
logo
ON Semiconductor
MAC12DG ONSEMI-MAC12DG Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
More results

Similar Description - MAC12D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC15D MOTOROLA-MAC15D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC15SD MOTOROLA-MAC15SD Datasheet
690Kb / 8P
TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
MAC16D MOTOROLA-MAC16D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC212-4FP MOTOROLA-MAC212-4FP Datasheet
113Kb / 6P
ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
MAC8D MOTOROLA-MAC8D Datasheet
79Kb / 4P
TRIACS 8 AMPERES RMS 400 thru 800 VOLTS
MAC8SD MOTOROLA-MAC8SD Datasheet
753Kb / 8P
TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC9D MOTOROLA-MAC9D Datasheet
78Kb / 4P
TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212 NJSEMI-MAC212 Datasheet
141Kb / 2P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC212FP NJSEMI-MAC212FP Datasheet
149Kb / 2P
ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com