Electronic Components Datasheet Search
  English  ▼

X  

PS232S Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # PS232S
Description  6-Channel Secondary Monitoring IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS232S Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  PS232S Datasheet HTML 1Page - Silicon Touch Technology Inc. PS232S Datasheet HTML 2Page - Silicon Touch Technology Inc. PS232S Datasheet HTML 3Page - Silicon Touch Technology Inc. PS232S Datasheet HTML 4Page - Silicon Touch Technology Inc. PS232S Datasheet HTML 5Page - Silicon Touch Technology Inc. PS232S Datasheet HTML 6Page - Silicon Touch Technology Inc. PS232S Datasheet HTML 7Page - Silicon Touch Technology Inc. PS232S Datasheet HTML 8Page - Silicon Touch Technology Inc. PS232S Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
6-Channel Secondary Monitoring IC
Version
:A.002
-3-
PS232S
Timing Chart
VPGI
Td2
Td1
1.25V
0.63V
1.13V
OVP
OVP/UVP/OCP
OVP
Td1
Tb1
Td3
Td2
FPO/
PSON/
PGI
Vcc
PGO
UVP/OVP/OCP
Pext protect
PSON/
turn on
AC
turn on
PSON/
turn off
PSON/
turn on
AC
turn off
IS12C
VS12D IS12D
VS5
IS5
VS12C
VS33
IS33
VS12A IS12A
IS12B
VS12B
Pext



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com