Electronic Components Datasheet Search
  English  ▼

X  

1SS187 Datasheet(PDF) 1 Page - Weitron Technology

Part # 1SS187
Description  Surface Mount Switching Diodes 100m AMPERES 80 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1SS187 Datasheet(HTML) 1 Page - Weitron Technology

  1SS187 Datasheet HTML 1Page - Weitron Technology 1SS187 Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
B
D
E
G
M
L
H
J
TOP VIEW
A
B
C
D
E
G
H
J
K
L
M
0.35
1.19
2.10
0.85
0.46
1.70
2.70
0.01
0.89
0.30
0.076
0.51
1.40
3.00
1.05
1.00
2.10
3.10
0.13
1.10
0.61
0.25
K
C
1
2
3
Surface Mount Switching Diodes
1SS181/1SS184/1SS187
1SS190/1SS193/1SS196/1SS226
SWITCHING DIODE
100m AMPERES
80 VOLTS
Lead(Pb)-Free
P b
SOT-23 Outline Dimensions
1/2
06-Sep-06
Dim
Min
Max
http://www.weitron.com.tw
WEITRON
SOT-23
Unit:mm
* Case: SOT-23, Molded Plastic
* Terminals: Solderable per MIL-STD-202, Method 208
* Polarity: See diagram
* Weight: 0.008 grams
Mechanical Data:
* Fast Switching Speed
* Surface Mount Package Ideally Suited for Automatic Insertion
* High Conductance
* For General Purpose Switching Applications
Features:


Similar Part No. - 1SS187

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS187 TOSHIBA-1SS187 Datasheet
128Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
logo
TRANSYS Electronics Lim...
1SS187 TEL-1SS187 Datasheet
68Kb / 1P
Plastic-Encapsulated Diodes
logo
Toshiba Semiconductor
1SS187 TOSHIBA-1SS187 Datasheet
188Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS187 BILIN-1SS187 Datasheet
370Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS187 KEXIN-1SS187 Datasheet
34Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
More results

Similar Description - 1SS187

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
List of Unclassifed Man...
CHN217UPT ETC2-CHN217UPT Datasheet
60Kb / 2P
SURFACE MOUNT SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere
logo
Yea Shin Technology Co....
MMBD4148 YEASHIN-MMBD4148 Datasheet
474Kb / 2P
SURFACE MOUNT SWITCHING DIODES VOLTAGE: 75 Volts POWER: 250mW
MMBD4448 YEASHIN-MMBD4448 Datasheet
474Kb / 2P
SURFACE MOUNT SWITCHING DIODES VOLTAGE: 75 Volts POWER: 250mW
logo
Weitron Technology
1SS356 WEITRON-1SS356 Datasheet
1Mb / 3P
Band Switching Diode 100m AMPERES 35 VOLTS
1SS400BS WEITRON-1SS400BS Datasheet
824Kb / 3P
SWITCHING DIODES 225m AMPERES 90 VOLTS
1SS400D WEITRON-1SS400D Datasheet
511Kb / 3P
SWITCHING DIODES 100m AMPERES 90 VOLTS
BA277 WEITRON-BA277 Datasheet
1Mb / 3P
BAND SWITCHING DIODE 100m AMPERES 35 VOLTS
BAS16BS WEITRON-BAS16BS Datasheet
900Kb / 3P
SWITCHING DIODES 500m AMPERES 75 VOLTS
WSD521BS WEITRON-WSD521BS Datasheet
669Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 100m AMPERES 30 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com