Electronic Components Datasheet Search
  English  ▼

X  

2N7002KT Datasheet(PDF) 2 Page - Weitron Technology

Part # 2N7002KT
Description  N-Channel ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2N7002KT Datasheet(HTML) 2 Page - Weitron Technology

  2N7002KT Datasheet HTML 1Page - Weitron Technology 2N7002KT Datasheet HTML 2Page - Weitron Technology 2N7002KT Datasheet HTML 3Page - Weitron Technology 2N7002KT Datasheet HTML 4Page - Weitron Technology 2N7002KT Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WEITRON
http://www.weitron.com.tw
2N7002KT
2/5
14-Sep-09
Electrical Characteristics (TA=25°C unless otherwise specified,per element)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS(Note2)
Drain-Source Breakdown Voltage
V(BR)DSS
IDSS
IGSS
60
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
V
VGS=0V, ID=10µA
Zero Gate Voltage Drain Current
1.0
1.0
1.5
2.0
µA
VDS=60V, VGS=0V
Gate-source Leakage
±10
µA
VGS=±20V, VDS=0V
ON CHARACTERISTICS(Note2)
Gate Threshold Voltage
VGS(th)
Ciss
Coss
Crss
V
VDS=VGS, ID=250µA
Static Drain-Source On-Resistance
VGS=10V, ID=0.5A
VGS=5V, ID=0.05A
RDS(ON)
7.5
7.5
Ω
Forward transfer admittance
gfs*
80
mS
VDS=10V, ID=0.2A
VDS=25V, VGS=0V, f=1.0MHz
VDS=25V, VGS=0V, f=1.0MHz
VDS=25V, VGS=0V, f=1.0MHz
ID=0.2A, VDD=30V
VGS=10V, RL=150, RG=10
ID=0.2A, VDD=30V
VGS=10V, RL=150, RG=10
DYNAMIC CHARACTERISTICS
Input Capacitance
25
50
10
25
3.0
5.0
pF
Output Capacitance
Reverse Transfer Capacitance
SWITCHING CHARACTERISTICS
Turn-On Delay Time
TD(ON)*
TD(OFF)*
12
20
nS
20
30
*Pw ≤ 300µs, Duty cycle ≤ 1%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com