Electronic Components Datasheet Search
  English  ▼

X  

2SA812 Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SA812
Description  PNP General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SA812 Datasheet(HTML) 2 Page - Weitron Technology

  2SA812 Datasheet HTML 1Page - Weitron Technology 2SA812 Datasheet HTML 2Page - Weitron Technology 2SA812 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
-
-
V
2SA812
Range
M4
M6
90-180
200-400
135-270
Marking
M7
300-600
-0.3
WEITRON
http://www.weitron.com.tw
Characteristics
Symbol
Min
Max
Typ
Unit
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
IEBO
-5.0
-
-
-
-
-
-0.1
V
V
V
µA
µA
-50
-60
-0.1
-
-
-
-
-
ELECTRICAL CHARACTERISTICS
M5
SMALL-SIGNAL CHARACTERISTICS
Transition frequence
VCE=-6V, IC = -10mA
MHz
fT
180
Collector-Emitter Saturation Voltage
IC = -100mA, IB = -10mA
VCE(sat)
-
-
-
V
-0.68
Collector-Emitter Voltage
IC = -1mA, V
VBE(on)
-
90
600
DC Current Transfer Ration
VCE = -6V, IC = -1mA
CE = -6V,
hFE
ON CHARACTERISTICS
Emitter Cutoff Current
VEB = -5V, IC = 0A
Collector Cutoff Current
VCB = -60V, IE = 0A
Emitter-Base Breakdown Voltage
IE= 100µA, IC=0
Collector-Emitter Breakdown Voltage
IC = -1mA, IB = 0A
Collector-Base Breakdown Voltage
IC = -100µA, IE = 0A
CLASSIFICATION hFE
2/3
08-Dec-06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com