Electronic Components Datasheet Search
  English  ▼

X  

2SB985 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SB985
Description  PNP General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SB985 Datasheet(HTML) 1 Page - Weitron Technology

  2SB985 Datasheet HTML 1Page - Weitron Technology 2SB985 Datasheet HTML 2Page - Weitron Technology 2SB985 Datasheet HTML 3Page - Weitron Technology 2SB985 Datasheet HTML 4Page - Weitron Technology 2SB985 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PNP General Purpose Transistors
1.EMITTER
3.BASE
2.COLLECTOR
1
2
3
Lead(Pb)-Free
P b
TO-92MOD
1/5
19-Feb-09
WEITRON
http://www.weitron.com.tw
Symbol
VCEO
VCBO
VEBO
Value
Unit
V
V
V
Rating
-60
mW
Tj
Tstg
°C
°C
IC
PD
Collector Current - Continuous
mA
Emitter-Base Voltage
Collector-Emitter Voltage
Collector-Base Voltage
MAXIMUM RATINGS(Ta=25°C)
Storage Temperature
Junction Temperature
Total Device Dissipation
TA=25°C
2SB985
-50
-6.0
-3.0
0.9
150
-55 to 150


Similar Part No. - 2SB985

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB985 SANYO-2SB985 Datasheet
96Kb / 3P
Large-Current Driving Applications
logo
TRANSYS Electronics Lim...
2SB985 TEL-2SB985 Datasheet
61Kb / 1P
Plastic-Encapsulated Transistors
logo
SHENZHEN YONGERJIA INDU...
2SB985 WINNERJOIN-2SB985 Datasheet
132Kb / 1P
TRANSISTOR (PNP)
logo
Nanjing International G...
2SB985 DGNJDZ-2SB985 Datasheet
332Kb / 1P
TO-92MOD Plastic-Encapsulate Transistors
logo
Foshan Blue Rocket Elec...
2SB985 FOSHAN-2SB985 Datasheet
677Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SB985

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
BC557B PHILIPS-BC557B Datasheet
80Kb / 12P
PNP general purpose transistors
1997 Mar 27
logo
Weitron Technology
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
PNP General Purpose Transistors
logo
Pan Jit International I...
BC807 PANJIT-BC807 Datasheet
481Kb / 3P
PNP GENERAL PURPOSE TRANSISTORS
logo
Guangdong Kexin Industr...
BCW67 KEXIN-BCW67 Datasheet
42Kb / 2P
PNP General Purpose Transistors
BCW69 KEXIN-BCW69 Datasheet
40Kb / 2P
PNP General Purpose Transistors
KC860W KEXIN-KC860W Datasheet
69Kb / 2P
PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
PNP general purpose transistors
2002 Feb 04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com