Electronic Components Datasheet Search
  English  ▼

X  

2SC4738 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC4738
Description  NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC4738 Datasheet(HTML) 1 Page - Weitron Technology

  2SC4738 Datasheet HTML 1Page - Weitron Technology 2SC4738 Datasheet HTML 2Page - Weitron Technology 2SC4738 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN TRANSISTOR
2SC4738
SOT-523(SC-75)
1
2
3
WEITRON
http://www.weitron.com.tw
1/3
30-Jan-08
FEATURES:
High voltage and high current
Excellent hFE linearity
High hFE
Complementary to 2SA1832
MAXIMUM RATINGS (TA=25°Cunless otherwise noted)
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Collector-base breakdown voltage
V(BR)CBO
IC =100
μA, IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB
V
0
5
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE=100
μA, IC
V
5
0
=
Collector cut-off current
ICBO
VCB=60V, IE
1
.
0
0
=
μA
Emitter cut-off current
IEBO
VEB=5V, IC
1
.
0
0
=
μA
DC current gain
hFE
V
I
CE=6V, IC
=2mA
120
700
Collector-emitter saturation voltage
VCE(sat)
C=100mA, IB
=10mA
0.25
V
Transition frequency
fT
VCE=10V, IC=1mA
80
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
3.5
pF
CLASSIFICATION OF
hFE
Rank
L
B
R
G
Y
Range
0
0
7
-
0
5
3
0
0
4
-
0
0
2
0
4
2
-
0
2
1
Marking
L
L
G
L
Y
L
VCBO
V
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0
6
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
VCEO
V
0
5
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
VEBO
V
5
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
E
IC
150
PC
W
m
0
0
1
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
C
TJ
5
2
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
℃
Tstg
5
2
1
-
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
℃
Lead(Pb)-Free
P b
Symbol
Parameter
Value
Units
Collector Current –Continuous
mA
Symbol
MIN
TYP
MAX
UNIT


Similar Part No. - 2SC4738

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4738 TOSHIBA-2SC4738 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4738 TOSHIBA-2SC4738 Datasheet
409Kb / 3P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
logo
Guangdong Kexin Industr...
2SC4738 KEXIN-2SC4738 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar type
logo
SeCoS Halbleitertechnol...
2SC4738 SECOS-2SC4738 Datasheet
277Kb / 2P
0.15A , 60V NPN Plastic Encapsulated Transistor
logo
Toshiba Semiconductor
2SC4738 TOSHIBA-2SC4738 Datasheet
211Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results

Similar Description - 2SC4738

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com