Electronic Components Datasheet Search
  English  ▼

X  

EDX5116ACSE Datasheet(PDF) 13 Page - Elpida Memory

Part # EDX5116ACSE
Description  512M bits XDR??DRAM
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDX5116ACSE Datasheet(HTML) 13 Page - Elpida Memory

Back Button EDX5116ACSE Datasheet HTML 9Page - Elpida Memory EDX5116ACSE Datasheet HTML 10Page - Elpida Memory EDX5116ACSE Datasheet HTML 11Page - Elpida Memory EDX5116ACSE Datasheet HTML 12Page - Elpida Memory EDX5116ACSE Datasheet HTML 13Page - Elpida Memory EDX5116ACSE Datasheet HTML 14Page - Elpida Memory EDX5116ACSE Datasheet HTML 15Page - Elpida Memory EDX5116ACSE Datasheet HTML 16Page - Elpida Memory EDX5116ACSE Datasheet HTML 17Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
Preliminary Data Sheet E0881E20 (Ver. 2.0)
13
EDX5116ACSE
specifies the refresh bank address is also referred to as BR2..0.
See “Refresh Transactions” on page 40.
Table 5 shows the POP field encoding in the ROWP packet.
The first encoding specifies a NOPP (no operation) command.
There are four variations of PRE (precharge) command. Each
uses the BP field to specify the bank to be precharged. Each
also specifies a different delay of up to 3*tCYCLE using the
POP[1:0] field. A precharge command may be specified in
addition to a refresh command using the ROP field.
Table 6 shows the XOP field encoding in the COLX packet.
This field encodes the remaining commands.
The CALC and CALE commands perform calibration opera-
tions to ensure signal integrity on the Channel. See “Calibra-
tion Transactions” on page 42.
The PDN command causes the device to enter a power-down
state. See “Power State Management” on page 44.
Table 5
POP Field Encoding Summary
POP
[2:0]
Command
Description
000
NOPP
No operation.
001
-
Reserved.
010
-
Reserved.
011
-
Reserved.
100
PRE0
Row precharge command — Bank BP2..0 is precharged. This command is delayed by 0*tCYCLE.
101
PRE1
Row precharge command — Bank BP2..0 is precharged. This command is delayed by 1*tCYCLE.
110
PRE2
Row precharge command — Bank BP2..0 is precharged. This command is delayed by 2*tCYCLE.
111
PRE3
Row precharge command — Bank BP2..0 is precharged. This command is delayed by 3*tCYCLE.
Table 6
XOP Field Encoding Summary
XOP
[3:0]
Command
Command and Description
XOP
[3:0]
Command
Command and Description
0000
-
Reserved.
1000
CALC
Current calibration command.
0001
-
Reserved.
1001
CALZ
Impedance calibration command.
0010
-
Reserved.
1010
CALE
End calibration command (CALC).
0011
-
Reserved.
1011
-
Reserved.
0100
-
Reserved.
1100
PDN
Enter powerdown power state.
0101
-
Reserved.
1101
-
Reserved.
0110
-
Reserved.
1110
-
Reserved.
0111
-
Reserved.
1111
-
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com