Electronic Components Datasheet Search
  English  ▼

X  

DTIPU30 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTIPU30
Description  Single Output Up to 30 Watts AC/DC Desktop Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTIPU30 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTIPU30 Datasheet HTML 1Page - Wall Industries,Inc. DTIPU30 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTIPU30 Series
Single Output
Up to 30 Watts
AC/DC Desktop Power Supply
Rev A
FEATURES
● Splash Proof
● 100% Burn-in
● Class I Insulation
● IEC-320-C14 Input Inlet
● Optional Output Connectors Available
● Over Voltage Protection (Crowbar Design)
● -20°C ~ +70°C Operating Temperature Range
● Wide Input Voltage Range: 90 to 264VAC, 47~63Hz
● Input Surge Current, Over Voltage, and Over Load Protection
DESCRIPTION
The DTIPU30 series of AC/DC desktop switching mode power supplies provide up to 30 watts of continuous output power. All models have
a single output, universal input voltage range, and an operating temperature range of –20°C ~ +70°C. These supplies are also protected
against input surge current, over voltage, and over load conditions. All supplies are also UL 94V-1 compliant and include an IEC-320-C14
input connector for worldwide applications. All models meet FCC-Part-15 class B and CISPR-22 class B emission limits and are designed
to comply with UL/c-UL (UL 60950-1), TUV/GS (EN 60950-1), and new CE requirements. These supplies are 100% burn-in tested.
SPECIFICATIONS: DTIPU30 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Operating Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
Input Current (Low Line)
Io = Full Load, Vin = 115VAC
0.8
A
Input Current (High Line)
Io = Full Load, Vin = 230VAC
0.5
A
Inrush Current (Low Line)
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
12
15
A
Inrush Current (High Line)
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
26
30
A
Safety Ground Leakage Current
Io = Full Load, Vin = 240VAC
0.5
0.75
mA
Start-Up Time
Io = Full Load, Vin = 100VAC
0.3
1
2
s
OUTPUT (Vo)
Output Voltage
See Rating Chart
VDC
Load Regulation
Vin = 230VAC
3
7
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power
Vin = 90 to 264VAC
0
30
W
Output Current
See Rating Chart
A
*Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
0.5
1
%
Transient Response Time
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 100VAC
12
ms
Temperature Coefficient
All Outputs
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
GENERAL
Efficiency
Io = Full Load, Vin = 230VAC
65
75
85
%
Dielectric Withstanding Voltage
For Primary to Secondary
Primary to Secondary
4242
VDC
Dielectric Withstanding Voltage
For Primary to Ground
Primary to Ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
ENVIRONMENTAL
Operating Temperature
Derates linearly from 100% Load at 40°C to 50% load at 70°C
-20
+70
°C
Storage Temperature
-40
+85
°C
Relative Humidity
5
95
%
MTBF
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
100,000 hours
PHYSICAL
Weight
Approximately 265 ~ 280 grams
Dimensions (L x W x H)
4.65 x 2.05 x 1.36 inches
118.0 x 52.0 x 34.5 mm
Warranty
2 years
SAFETY
EMI Requirements for CISPR-22
Vin = 220VAC
B
Class
EMI Requirements for FCC PART-15
Vin = 110VAC
B
Class
*Note: The Ripple & Noise for output voltages under 3.3VDC is 2% max.
APPLICATIONS
● Scanners
● LCD Monitors
● Thermal Printers
● Humidity Temperature Meters


Similar Part No. - DTIPU30

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-101 WALL-DTIPU16A-101 Datasheet
174Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-102 WALL-DTIPU16A-102 Datasheet
174Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-103 WALL-DTIPU16A-103 Datasheet
174Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-104 WALL-DTIPU16A-104 Datasheet
174Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTIPU30

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPS30 WALL-PSMPS30 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
PSPS25 WALL-PSPS25 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
PSPS45 WALL-PSPS45 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
Single Output Up to 65 Watts AC/DC Power Supply
DTA12-Y WALL-DTA12-Y Datasheet
145Kb / 2P
10-12 Watts Single Output AC/DC Desktop Power Supply
DTA36 WALL-DTA36 Datasheet
133Kb / 3P
20 ~ 30 Watts Single Output AC/DC Desktop Power Supply
DTA65 WALL-DTA65 Datasheet
139Kb / 2P
Single Output Up to 65 Watts AC/DC Desktop Adapter
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
To 60 Watts Single Output AC/DC Desktop Power Supply
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
To 70 Watts Single Output AC/DC Desktop Power Supply
DTSPU30 WALL-DTSPU30 Datasheet
150Kb / 3P
30 Watt Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com