Electronic Components Datasheet Search
  English  ▼

X  

DTSPU45 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTSPU45
Description  Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTSPU45 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTSPU45 Datasheet HTML 1Page - Wall Industries,Inc. DTSPU45 Datasheet HTML 2Page - Wall Industries,Inc. DTSPU45 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTSPU45 Series
Up to 50 Watts
Single, Dual, & Triple Outputs
AC/DC Desktop Power Supply
Rev. A
OUTPUT VOLTAGE / CURRENT RATING CHARTS
SINGLE OUTPUT MODELS
Model Number
Preset Voltage
Output Voltage Range
Max. Output Current
Total Regulation
Max. Output Power
DTSPU45-100
3 VDC
2 ~ 3 VDC
8.00A max.
7%
24W
DTSPU45-101
5 VDC
3 ~ 5 VDC
8.00A max.
5%
40W
*DTSPU45-102
6 VDC
5 ~ 6 VDC
8.00 ~ 6.66A
5%
40W
*DTSPU45-103
8 VDC
6 ~ 8 VDC
7.00 ~ 5.25A
5%
42W
*DTSPU45-104
11 VDC
8 ~ 11 VDC
5.63 ~ 4.00A
4%
45W
*DTSPU45-105
13 VDC
11 ~ 13 VDC
4.00 ~ 3.46A
3%
45W
*DTSPU45-106
16 VDC
13 ~ 16 VDC
3.46 ~ 2.81A
3%
45W
DTSPU45-107
21 VDC
16 ~ 21 VDC
3.12 ~ 2.38A
3%
50W
DTSPU45-108
27 VDC
21 ~ 27 VDC
2.30 ~ 1.85A
2%
50W
DTSPU45-109
33 VDC
27 ~ 33 VDC
1.85A ~ 1.51A
2%
50W
DTSPU45-110
40 VDC
33 ~ 40 VDC
1.51 ~ 1.25A
2%
50W
DTSPU45-111
50 VDC
40 ~ 50 VDC
1.25 ~ 1.00A
2%
50W
DUAL OUTPUT MODELS
Model Number
Output Voltage
Min. Output Current
Max. Output Current
Max. Regulation
Max. Output Power
Output 1
+3.3 VDC
0.5A
5A
7%
*DTSPU45-200
Output 2
+12.0 VDC
0.3A
2A
5%
40W
Output 1
+5.0 VDC
0.5A
5A
5%
*DTSPU45-201
Output 2
+12.0 VDC
0.3A
2A
5%
42W
Output 1
+5.0 VDC
0.8A
5A
7%
*DTSPU45-202
Output 2
+15.0 VDC
0.3A
1.5A
5%
42W
Output 1
+5.0 VDC
0.5A
5A
5%
DTSPU45-203
Output 2
+24.0 VDC
0.1A
1A
5%
42W
Output 1
+3.3 VDC
0.5A
5A
7%
DTSPU45-204
Output 2
+5.0 VDC
0.2A
2A
5%
26.5W
Output 1
+12 VDC
0.3A
3A
5%
*DTSPU45-209
Output 3
-12 VDC
0.1A
1A
5%
42W
Output 1
+15.0 VDC
0.2A
2A
5%
*DTSPU45-210
Output 3
-15.0 VDC
0.1A
1A
5%
42W
Output 1
+5.0 VDC
0.5A
5A
5%
DTSPU45-215
Output 3
-24.0 VDC
0.1A
1A
5%
42W
Output 1
+5.1 VDC
0A
1A
5%
DTSPU45-216
Output 3
+7.2 VDC
0.2A
2.6A
5%
23.82W
TRIPLE OUTPUT MODELS
Model Number
Output Voltage
Min. Output Current
Max. Output Current
Max. Regulation
Max. Output Power
Output 1
+3.3 VDC
1.0A
5A
7%
Output 2
+12.0 VDC
0.3A
2A
5%
*DTSPU45-300
Output 3
-12.0 VDC
0.1A
0.8A
5%
42W
Output 1
+5.0 VDC
0.5A
5A
5%
Output 2
+12.0 VDC
0.2A
2A
5%
*DTSPU45-301
Output 3
-5.0 VDC
0A
0.8A
5%
42W
Output 1
+5.0 VDC
0.5A
5A
5%
Output 2
+12.0 VDC
0.2A
2A
5%
*DTSPU45-302
Output 3
-12.0 VDC
0A
0.8A
5%
42W
Output 1
+5.0 VDC
0.5A
5A
5%
Output 2
+15.0 VDC
0.3A
2A
6%
*DTSPU45-303
Output 3
-15.0 VDC
0A
0.8A
5%
42W
Output 1
+5.0 VDC
0.5A
5A
5%
Output 2
+24.0 VDC
0.2A
1A
5%
DTSPU45-304
Output 3
-24.0 VDC
0A
0.5A
5%
42W
Output 1
+5.0 VDC
0.5A
5A
5%
Output 2
+24.0 VDC
0.1A
1A
5%
DTSPU45-305
Output 3
-12.0 VDC
0A
0.8A
5%
42W
Output 1
+3.3 VDC
0.5A
5A
7%
Output 2
+12.0 VDC
0.4A
2A
5%
*DTSPU45-306
Output 3
-5.0 VDC
0A
0.8A
5%
42W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com