Electronic Components Datasheet Search
  English  ▼

X  

ACT4060A Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT4060A
Description  Wide Input 2A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4060A Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT4060A Datasheet HTML 3Page - Active-Semi, Inc ACT4060A Datasheet HTML 4Page - Active-Semi, Inc ACT4060A Datasheet HTML 5Page - Active-Semi, Inc ACT4060A Datasheet HTML 6Page - Active-Semi, Inc ACT4060A Datasheet HTML 7Page - Active-Semi, Inc ACT4060A Datasheet HTML 8Page - Active-Semi, Inc ACT4060A Datasheet HTML 9Page - Active-Semi, Inc ACT4060A Datasheet HTML 10Page - Active-Semi, Inc ACT4060A Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ACT4060A
Rev 0, 28-Apr-09
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Circuit of Figure 3, unless otherwise specified.)
0
Shutdown Current vs. Input Voltage
Input Voltage (V)
5
10
15
20
25
10
5
15
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com