Electronic Components Datasheet Search
  English  ▼

X  

ACT6305 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT6305
Description  Low Input High Efficiency Synchronous Step-Up DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6305 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT6305 Datasheet HTML 1Page - Active-Semi, Inc ACT6305 Datasheet HTML 2Page - Active-Semi, Inc ACT6305 Datasheet HTML 3Page - Active-Semi, Inc ACT6305 Datasheet HTML 4Page - Active-Semi, Inc ACT6305 Datasheet HTML 5Page - Active-Semi, Inc ACT6305 Datasheet HTML 6Page - Active-Semi, Inc ACT6305 Datasheet HTML 7Page - Active-Semi, Inc ACT6305 Datasheet HTML 8Page - Active-Semi, Inc ACT6305 Datasheet HTML 9Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACT6305
Rev0, 13-May-08
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ORDERING INFORMATION
PIN DESCRIPTION
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
FB
Output Voltage Selection and Feedback Input. Connect this pin to G for VOUT = 5V, to
OUT for VOUT = 3.3V. Connect FB to a resistor divider to set the output voltage be-
tween 2V and 5V. See the Output Voltage Selection section for more information.
2
G
Ground.
3
EN
Shutdown Input. Drive EN to OUT or to a logic high for normal operation, drive EN to
G or to a logic low to disable the regulator.
4
LX
Inductor Connection.
5
OUT
Output. ACT6305 regulates voltage at this pin. OUT also provides power to the IC.
PART NUMBER
TEMPERATURE RANGE
PACKAGE PINS
ACT6305UC-T
-40°C to 85°C
SOT23-5
5
PACKING METHOD
TAPE & REEL
TOP MARK
HBCA
FB
G
EN
OUT
LX
1
2
3
4
5
ACT6305
UC
SOT23-5
All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The
term “Pb-free” means semiconductor products that are in compliance with current RoHS (Restriction of
Hazardous Substances) standards.
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com