Electronic Components Datasheet Search
  English  ▼

X  

ACT8310 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT8310
Description  1.5A, PWM Step-Down DC/DCs in TDFN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8310 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT8310 Datasheet HTML 2Page - Active-Semi, Inc ACT8310 Datasheet HTML 3Page - Active-Semi, Inc ACT8310 Datasheet HTML 4Page - Active-Semi, Inc ACT8310 Datasheet HTML 5Page - Active-Semi, Inc ACT8310 Datasheet HTML 6Page - Active-Semi, Inc ACT8310 Datasheet HTML 7Page - Active-Semi, Inc ACT8310 Datasheet HTML 8Page - Active-Semi, Inc ACT8310 Datasheet HTML 9Page - Active-Semi, Inc ACT8310 Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACT8309/8310/8311
Rev PrA, 24-Jan-08
Active-Semi
Innovative Products. Active Solutions.
- 6 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
1
V
V
R
R
FB
OUT
2
FB
1
FB
FUNCTIONAL DESCRIPTION
The patent-pending ACT8309/ACT8310/ACT8311
are current-mode, fixed-frequency PWM, synchro-
nous step-down DC/DC converters that are capable
of delivering up to 1.5A (ACT8311) with efficiency of
up to 95%. These devices feature very low-
resistance power MOSFETs and 100% duty cycle
operation, making them ideal choices for portable
applications requiring a 3.0V or 3.3V rail to be gen-
erated form a Li+ battery. These device operate
with a fixed frequency of 1.35MHz, minimizing noise
in sensitive equipment as well as optimizing both
efficiency and component size and cost.
100% Duty Cycle Operation
These devices are capable of operating at up to
100% duty cycle operation. During 100% duty cycle
operation, the high-side power MOSFET is held on
continuously, providing a direct connection from the
input to the output (through the inductor), ensuring
the lowest possible dropout voltage in battery-
powered applications.
Synchronous Rectification
The ACT8309/ACT8310/ACT8311 each feature
integrated n-channel synchronous rectifiers, maxi-
mizing efficiency and minimizing the total solution
size and cost by eliminating the need for external
rectifiers.
Soft-Start
The ACT8309/ACT8310/ACT8311 each include
integrated soft-start circuitry. When enabled, the
output voltage track an internal 200µs soft-start
ramp so that the output power up in a controlled,
monotonic manner that is independent of loading.
Compensation
The ACT8309/ACT8310/ACT8311 each utilize cur-
rent-mode control and a proprietary internal compen-
sation scheme to simultaneously simplify external
component selection and optimize transient perform-
ance over their full operating range. No compensation
design is required, simply follow a few simple guide-
lines described below when choosing external com-
ponents.
Capacitor Selection
The input capacitor reduces peak currents and
noise induced upon the voltage source. A 10µF
ceramic capacitor is recommended for most appli-
cations.
For most applications, a 22µF ceramic output ca-
pacitor is recommended. Although the these regula-
tors were designed to take advantage of the bene-
fits of ceramic capacitors, namely small size and
very-low ESR, low-ESR tantalum capacitors can
provide acceptable results as well.
Inductor Selection
These devices were optimized for operation with
3.3µH inductors, although inductors in the 1.5µH to
4.7µH range may be used. Choose an inductors
with a low DC-resistance, and avoid inductor satu-
ration by choosing inductors with DC ratings that
exceed the maximum output current of the applica-
tion by at least 30%.
Output Voltage Setting
Figure 3 shows the feedback network necessary to
set the output voltage when using adjustable output
voltage options. output voltage options. Select com-
ponents as follows: Set RFB2 = 200kΩ, calculate
RFB1 using the following equation:
Where VFB is 0.8V.
Figure 3:
Output Voltage Setting
Enable/Disable Control
These devices may be enabled and disabled using
the EN input. Drive EN to a logic-high to enable the
regulator, drive EN to a logic-low to disable the
regulator. When disabled, each regulator’s quies-
cent supply current drops to less than 1µA.
Power-OK Output (POK)
These devices feature an open-drain “Power-OK”
indicator output. This output sinks current whenever
the output voltage is (typically) 5% below the regu-
lation voltage, and goes high-impedance when the
output voltage is above this threshold. To generate
FB
ACT8309/
ACT8310/
ACT8311
VOUT
RFB1
RFB2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com