Electronic Components Datasheet Search
  English  ▼

X  

AM352 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # AM352
Description  PRESS FIT AUTOMOTIVE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

AM352 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  AM352 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech AM352 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shanghai Lunsure Electronic
Technology Co.,LTD
Tel:0086-21-37185008
Fax:0086-21-57152769
Features
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Mechanical Data
Case: Copper case
Technology: cell with vcauum soldered
Polarity: As marked of case bottom
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting: Press fit
Weigth: 9.0 grams
Maximum Ratings and Electrical Charactristics
Rating at 25
oC ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
Parameters
Symbols
AM351
AM352
AM353
AM354
AM356
Units
Maximum repetitive peak reverse voltage
VRRM
100
200
300
400
600
Volts
Maximum RM S voltage
VRMS
70
140
210
280
420
Volts
Maximum DC blocking voltage
VDC
100
200
300
400
600
Volts
Maximum Average rectified forward current
at TC=110
oC
Io
35
Amps
Peak forward surge current 8.3mS single
half sine-wave superimposed on rated load
(JE DEC Method)
IFSM
500
Amps
Rating for fusing(t<8.3ms)
I
2t
1038
A
2S
Maximum instantaneous forward voltage
drop at 100A
VF
1.08
Volts
Maximum DC reverse current TA=25
oC
IR
5.0
uA
at rated DC blocking voltage TA=150
oC
450
Typical thermal resistance
RθJC
0.8
oC/W
Operating and storage temperature
TJ,TSTG
-65 to +175
oC
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
AM351
THRU
AM356
PRESS FIT AUTOMOTIVE
RECTIFIER(MOTOROLA)
VOLTAGE RANGE
100 TO 600 VOLTS
CURRENT 35AMPS
Dimensions in inches and millimeters
1.28±0.05
.050±.002
15.7±0.1
.62±.004
1.28±0.05
.050±.002
27.5±0.5
1.083±0.01
11.1±0.1
.437±.004
12.73-12.79
0.5-0.504
Epoxy
MC1


Similar Part No. - AM352

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3520C ANALOGPOWER-AM3520C Datasheet
156Kb / 7P
N & P-Channel 20-V (D-S) MOSFET
AM3524C ANALOGPOWER-AM3524C Datasheet
168Kb / 3P
N & P-Channel 20-V (D-S) MOSFET
More results

Similar Description - AM352

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
LPB251 MIC-LPB251 Datasheet
61Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
LPB501 MIC-LPB501 Datasheet
64Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
logo
Shanghai Lunsure Electr...
AM251 CHENYI-AM251 Datasheet
151Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
AM501 CHENYI-AM501 Datasheet
148Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
PRB351 PFS-PRB351 Datasheet
161Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
LPRG351 PFS-LPRG351 Datasheet
176Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GAH401 GOOD-ARK-GAH401 Datasheet
130Kb / 2P
Press Fit Automotive Rectifier
GAM251 GOOD-ARK-GAM251 Datasheet
124Kb / 2P
Press Fit Automotive Rectifier
GAM501 GOOD-ARK-GAM501 Datasheet
130Kb / 2P
Press Fit Automotive Rectifier
GB304P GOOD-ARK-GB304P Datasheet
370Kb / 5P
PRESS FIT AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com