Electronic Components Datasheet Search
  English  ▼

X  

ARS252 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # ARS252
Description  BUTTON DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

ARS252 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  ARS252 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech ARS252 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shanghai Lunsure Electronic
Technology Co.,LTD
Tel:0086-21-37185008
Fax:0086-21-57152769
Features
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Mechanical Data
Case: transfer molded plastic
Technology: vcauum soldered
Polarity: color ring denotes cathode
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weigth: AR 1.80 grams, ARS 1.60 grams
Maximum Ratings and Electrical Charactristics
Rating at 25
oC ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
Parameters
Symbols
AR251
ARS251
AR252
ARS252
AR253
ARS253
AR254
ARS254
AR256
ARS256
Units
Maximum repetitive peak reverse voltage
VRRM
100
200
300
400
600
Volts
Maximum RM S voltage
VRMS
70
140
210
280
420
Volts
Maximum DC blocking voltage
VDC
100
200
300
400
600
Volts
Maximum Average rectified forward current
at TC=110
oC
Io
25
Amps
Peak forward surge current 8.3mS single
half sine-wave superimposed on rated load
(JE DEC Method)
IFSM
400
Amps
Rating for fusing(t<8.3ms)
I
2t
664
A
2S
Maximum instantaneous forward voltage
drop at 100A
VF
1.1
Volts
Maximum DC reverse current TA=25
oC
IR
5.0
uA
at rated DC blocking voltage TA=150
oC
450
Typical thermal resistance
RθJC
1.0
oC/W
Operating and storage temperature
TJ,TSTG
-65 to +175
oC
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
AR251/ARS251
THRU
AR256/ARS256
BUTTON DIODES
VOLTAGE RANGE
100 TO 600 VOLTS
CURRENT 25AMPS
Dimensions in inches and millimeters
.185(4.7)
.165(4.2)
.225(5.7)
.215(5.5)
.250(6.4)
.235(6.0)
.410(10.4)
.380( 9.7)
DIA
DIA
.185(4.7)
.165(4.2)
.225(5.7)
.215(5.5)
.250(6.4)
.235(6.0)
.346(8.8)
.327(8.2)
DIA
DIA
AR
ARS


Similar Part No. - ARS252

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ARS252 BILIN-ARS252 Datasheet
207Kb / 2P
AUTOMOTIVE RECTIFIER
logo
TAITRON Components Inco...
ARS252 TAITRON-ARS252 Datasheet
130Kb / 4P
25A Automotive Rectifiers
logo
MIC GROUP RECTIFIERS
ARS252 MIC-ARS252 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
ARS252 KISEMICONDUCTOR-ARS252 Datasheet
189Kb / 2P
BUTTON DIODES VOLTAGE RANGE 100 TO 600 VOLTSCURRENT 25AMPS
logo
Shanghai Shunye Electro...
ARS252 SHUNYE-ARS252 Datasheet
439Kb / 2P
AUTOMOTIVE RECTIFIERS
More results

Similar Description - ARS252

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BAR5000 DEC-BAR5000 Datasheet
243Kb / 1P
50 AMP BUTTON DIODES
BAR5000S DEC-BAR5000S Datasheet
246Kb / 1P
50 AMP BUTTON DIODES
BAR6000S DEC-BAR6000S Datasheet
233Kb / 1P
60 AMP BUTTON DIODES
BAR7500 DEC-BAR7500 Datasheet
247Kb / 1P
75 AMP BUTTON DIODES
BAR7500S DEC-BAR7500S Datasheet
248Kb / 1P
75 AMP BUTTON DIODES
logo
Shanghai Lunsure Electr...
AR351 CHENYI-AR351 Datasheet
154Kb / 2P
BUTTON DIODES
ARL251 CHENYI-ARL251 Datasheet
153Kb / 2P
BUTTON DIODES
logo
Diotec Semiconductor
RA3505 DIOTEC-RA3505 Datasheet
162Kb / 2P
Silicon-Rectifiers - Button Diodes
logo
DIOTEC Electronics Corp...
BUDI-3500S-1A DEC-BUDI-3500S-1A Datasheet
64Kb / 1P
35 AMP BUTTON DIODES
BUDI-7500S-1A DEC-BUDI-7500S-1A Datasheet
65Kb / 1P
75 AMP BUTTON DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com