Electronic Components Datasheet Search
  English  ▼

X  

BAS16 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # BAS16
Description  350mW 100Volt Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

BAS16 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  BAS16 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech BAS16 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS16
350mW 100Volt
Switching Diode
SOT-23
Suggested Solder
Pad Layout
Features
•
Low Current Leakage
•
Low Cost
•
Small Outline Surface Mount Package
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 357K/W Junction To Ambient
Electrical Characteristics @ 25°C Unless Otherwise Specified
Reverse Voltage
VR
75V
Peak Reverse
Voltage
VRM
100V
Peak Forward
Current
IF
300mA
Power Dissipation
PTOT
350mW
Peak Forward Surge
Current
IFSM
1A
t=1s, None Repet.
Maximum
Instantaneous
Forward Voltage
VF
1.25V
IFM = 150mA;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1
µA
50
µA
VR=75Volts
TJ = 25
°C
TJ = 150
°C
Typical Junction
Capacitance
CJ
2pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
4ns
IF=10mA
VR = 6.0V
RL=100
Ω
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
A 6
C
A
Pin Configuration
Top View
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
www.cnelectr .com


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4448 MCC-1N4448 Datasheet
77Kb / 3P
500mW 100Volt Switching Diode
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
350mW 100Volt Switching Diode
DL4448 MCC-DL4448 Datasheet
351Kb / 3P
500mW 100Volt Switching Diode
MMBD7000 MCC-MMBD7000 Datasheet
80Kb / 2P
350mW 100Volt Dual Switching Diode
logo
Shanghai Lunsure Electr...
DL4448 CHENYI-DL4448 Datasheet
330Kb / 3P
500mw 100volt switching diode
MMBD4148 CHENYI-MMBD4148 Datasheet
59Kb / 3P
350mW 100volt silicon epitaxial diode
logo
Micro Commercial Compon...
1N4448 MCC-1N4448_11 Datasheet
427Kb / 4P
500mW 100Volt Switching Diode
BAS16 MCC-BAS16_11 Datasheet
161Kb / 3P
350mW 100Volt Switching Diode
BAS16 MCC-BAS16_13 Datasheet
201Kb / 3P
350mW 100Volt Switching Diode
BAS16-TP MCC-BAS16-TP Datasheet
201Kb / 3P
350mW 100Volt Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com