Electronic Components Datasheet Search
  English  ▼

X  

BAS19 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # BAS19
Description  Small Signal Diodes 250mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

BAS19 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  BAS19 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech BAS19 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Ideally Suited for Automatic Insertion
l 150
oC Junction Temperature
l Fast Switching speed
l Epitaxial Planar Die Construction
Mechanical Data
l Case: SOT-23, Molded Plastic
l Weight: 0.008 grams ( approx.)
l Marking Code
Part
Number
Marking
Continuous
Reverse
Voltage
V (V)
R
Repetitive
Peak
Reverse
Voltage
V
(V)
RRM
BAS19
JP
100
120
BAS20
JR
150
200
BAS21
JS
200
250
Maximum Ratings @ 25oC Unless Otherwise Specified
Parameter
Symbol Value
Unit
Non-repetitive
@ t=1us
Peak Reverse Voltage
@ t=1s
I
FSM
2.5
0.5
A
Average Rectified Forward Current
I
F(AV)
200
(1)
mA
Forward DC Current at T
amb=25
oC
I
F
200
(2)
mA
Repetitive Peak Forward Current
I
FRM
625
mA
Power Dissipation up to T
amb=25
oC
P
tot
250
mW
Thermal Resistance Junction to
Ambient
430
oC/W
Operating & Storage Temperature
T
j, TSTG -65~150
oC
Notes: (1) Measured under pulse conditions;
Pulse time = tp <= 0.3ms
(2) Device on fiberglass substrate,
See layout on next page
BAS19
THRU
BAS21
Small
Signal Diodes
250mW
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
SOT-23
RqJA
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
www.cnelectr.com


Similar Part No. - BAS19

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS19 PHILIPS-BAS19 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS19

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS19 MCC-BAS19 Datasheet
175Kb / 3P
Small Signal Diodes 250mW
BAV19WS MCC-BAV19WS Datasheet
253Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BCX70G MCC-BCX70G Datasheet
211Kb / 3P
NPN Small Signal Transistor 250mW
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A_10 Datasheet
218Kb / 3P
250mW, NPN Small Signal Transistor
BC856A TSC-BC856A_10 Datasheet
265Kb / 4P
250mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BAS19 MCC-BAS19_13 Datasheet
233Kb / 3P
Small Signal Diodes 250mW
BAV19WS MCC-BAV19WS_13 Datasheet
273Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
Small Signal Diodes 250mW
BAV19WS MCC-BAV19WS_16 Datasheet
264Kb / 4P
250mW Small Signal Diodes 120 to 250 Volts
BCX70G MCC-BCX70G_13 Datasheet
246Kb / 3P
NPN Small Signal Transistor 250mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com