Electronic Components Datasheet Search
  English  ▼

X  

BAT45 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # BAT45
Description  30 Milliamp small signal schottky diode 15volt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

BAT45 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  BAT45 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech BAT45 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image















































































Figure 1. Forward current versus
voltage
at different temperatures(typical values)
forward
Figure 2. Forward current versus forward
voltage (typical values)
T
=150 C
amb
T
= 25 C
amb
T
= -55 C
amb








I( A)
R
µ
I( A)
R
µ
Figure 3.R
ambient
everse current versus
temperature
Figure 4.Reverse current versus continuous
revers voltage (typical values)
max.
typ.











C(pF)





T
= 25 C
amb
90% confidence
V=5V
R



T=( C)
amb
BAT45
www.cnelectr.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com