Electronic Components Datasheet Search
  English  ▼

X  

MAC15SM Datasheet(PDF) 3 Page - Motorola, Inc

Part # MAC15SM
Description  TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC15SM Datasheet(HTML) 3 Page - Motorola, Inc

  MAC15SM Datasheet HTML 1Page - Motorola, Inc MAC15SM Datasheet HTML 2Page - Motorola, Inc MAC15SM Datasheet HTML 3Page - Motorola, Inc MAC15SM Datasheet HTML 4Page - Motorola, Inc MAC15SM Datasheet HTML 5Page - Motorola, Inc MAC15SM Datasheet HTML 6Page - Motorola, Inc MAC15SM Datasheet HTML 7Page - Motorola, Inc MAC15SM Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MAC15S SERIES
3
Motorola Thyristor Device Data
Data Sheets
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0.1
1
10
100
Typical @ TJ = 25 °C
VT, INSTANTANEOUS ON–STATE VOLTAGE (VOLTS)
Figure 3.0 On–State Characteristics
Maximum @
TJ = 110°C
Maximum @
TJ = 25 °C
–40
–25
–10
5
20
35
50
65
80
95
110
1
2
3
4
5
6
7
Figure 5.0 Typical Holding Current Versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
MT2 NEGATIVE
MT2 POSITIVE
–40
–25
–10
5
20
35
50
65
80
95
110
2
3
4
5
6
7
8
9
Q1
Q3
Figure 6.0 Typical Latching Current Versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
95
110
0
1
2
3
4
5
6
7
Q1
Q2
Q3
Figure 7.0 Typical Gate Trigger Current Versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
–40
–25
–10
5
20
35
50
65
80
95
110
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Figure 8.0 Typical Gate Trigger Voltage Versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
Q1
Q2
Q3
0.1
1
10
100
1000
0.01
0.1
1
Figure 4.0 Transient Thermal Response
t, TIME (ms)
ZqJC(t) = RqJC(t)  r(t)
1
@104



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com