Electronic Components Datasheet Search
  English  ▼

X  

LL48 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # LL48
Description  small signal schottky diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

LL48 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  LL48 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech LL48 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech LL48 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
l Fast Switching Speed
l Protected by a PN junction guard ring against excessive
l Low Turn-on Voltage
l For General Purpose Application
Mechanical Data
l Case: Minimelf, Glass
l Terminals: Solderable per MIL-STD-202, Method 208
l Polarity: Indicated by Cathode Band
l Weight: 0.05 grams ( approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol
Value
Unit
Peak Reverse Voltage
VRRM
40
V
Forward Continuous Current(Note1)
I
F
350
mA
Surge Forward Current @ tp< 10ms,
TA=25
oC
IFSM
7.5
A
Power Dissipation(Note 1)
Ptot
330
mW
Thermal Resistance(Note 1)
300
K/W
Operation Temperature Range
TA
-55 to 125
oC
Storage Temperature Range
TSTG
-55 to 150
oC
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic
Symbol
Min
Typ.
Max
Unit
Test Cond.
Reverse
Breakdown Volt.
V(BR)R
40
-----
-----
V
100uA pulse
Reverse Leakge
Current.
IR
-----
-----
2
15
5
25
25
50
uA
VR=10V
VR=10V, T J=60
oC
VR=20V
VR=20V, T J=60
oC
VR=40V
VR=40V, T J=60
oC
Forward Volt.
Drop
VF
-----
-----
0.25
0.45
0.90
V
IF=0.1mA
IF=10mA
IF=250mA
Junction
Capacitance
C tot
-----
2.0
-----
pF
VR=1V, f=1MHz
Note: 1. Valid provided that electrodes are kept at ambient temperature
LL48
Small Signal
Schottky Diode
RqJA
www.cnelectr.com
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
A
B
C
Cathode Mark
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - LL48

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL48 GE-LL48 Datasheet
47Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
LL48 MCC-LL48 Datasheet
387Kb / 3P
Small Signal Schottky Diode
logo
SynSemi, Inc.
LL48 SYNSEMI-LL48 Datasheet
29Kb / 1P
SCHOTTKY BARRIER DIODE
logo
GOOD-ARK Electronics
LL48 GOOD-ARK-LL48 Datasheet
62Kb / 2P
Small-Signal Diode Schottky Diode
logo
Jinan Jingheng (Group) ...
LL48 JINANJINGHENG-LL48 Datasheet
73Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - LL48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com