Electronic Components Datasheet Search
  English  ▼

X  

SF21 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # SF21
Description  2.0Amp super fast rectifier 50to400 volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

SF21 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  SF21 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech SF21 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech SF21 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SF21
THRU
SF26
2.0 Amp Super Fast
Rectifier
50 to 400 Volts
Features
•
High reliability
•
High current capability
•
Low forward voltage drop
•
High surge capability
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
For capacitive load, derate current by 20%
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
SF21
50V
35V
50V
SF22
100V
70V
100V
SF23
150V
105V
150V
SF24
200V
140V
200V
SF25
300V
210V
300V
SF26
400V
280V
400V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TC = 55
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SF21-SF24
SF25-SF26
VF
0.95V
1.3V
IFM = 2.0A;
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
100uA
TC = 25
°C
TC = 100
°C
Typical Junction
Capacitance
SF21-SF24
SF25-SF26
CJ
60pF
30pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
TRR
35nS
IF=0.5A, IR=1.0A,
IRR=0.25A
Pulse Test: Pulse width 300 usec, Duty cycle 1%.
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
DO-15
www.cnelectr.com
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - SF21

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF21 MOSPEC-SF21 Datasheet
134Kb / 2P
POWER RECTIFIERS(2.0A,50-400V)
logo
Won-Top Electronics
SF21 WTE-SF21 Datasheet
50Kb / 3P
2.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF21 ZOWIE-SF21 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF21 RECTRON-SF21 Datasheet
275Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
SF21 JGD-SF21 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
More results

Similar Description - SF21

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF21 SECOS-SF21 Datasheet
417Kb / 2P
2.0AMP Super Fast Rectifiers
logo
Shanghai Lunsure Electr...
MUR805 CHENYI-MUR805 Datasheet
68Kb / 2P
8Amp super fast glass passivated rectifier 50to400 volts
SF31 CHENYI-SF31 Datasheet
90Kb / 3P
3.0Amp super fast rectifier 50to600 volts
logo
First Components Intern...
SFS21G FCI-SFS21G Datasheet
613Kb / 2P
2.0Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
Cystech Electonics Corp...
SF27G CYSTEKEC-SF27G Datasheet
241Kb / 3P
2.0Amp. Glass Passivated Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
ES21B SECOS-ES21B Datasheet
331Kb / 2P
2.0Amp Super Fast Recovery Rectifiers
ES21B SECOS-ES21B_15 Datasheet
331Kb / 2P
2.0Amp Super Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
ES2MA LUGUANG-ES2MA Datasheet
1Mb / 2P
2.0AMP Glass Passivated Super Fast Rectifiers
ES2MB LUGUANG-ES2MB Datasheet
1Mb / 2P
2.0AMP Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com