Electronic Components Datasheet Search
  English  ▼

X  

8RB Datasheet(PDF) 1 Page - TOKO, Inc

Part # 8RB
Description  Radial Type Fixed Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

8RB Datasheet(HTML) 1 Page - TOKO, Inc

  8RB Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8RB
Inductance Range: 0.1~33mH
11.2Max.
φ8.3 Max.
φ0.7
5.0
(Unit: mm)
• Ideal as a choke or a trap coil for low
profile equipment.
• Entire winding core is encapsulated in
heat shrunk plastic housing to provide
mechanical and environmental protection.
• RoHS compliant.
• 小型機器用のチョークコイル、トラップ
コイルとして最適
• 巻き線部分は保護のため外装チューブを
使用
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE 8RB
東光品番
(1)
インダクタンス
(2)
許容差
測定周波数
直流抵抗
最大許容電流
(3)
自己共振周波数
(4)
TOKO
Part
Number
(1)
Inductance
(2)
(mH)
Tolerance
(%)
Test
Frequency
(kHz)
DC
Resistance
(
Ω) Max.
Rated DC
Current
(3)
(mA) Max.
Self-resonant
Frequency
(4)
(MHz) Min.
#187LY-101( )
0.10
± 5, ± 10
796
2.0
200
5.3
#187LY-121( )
0.12
± 5, ± 10
796
3.0
200
4.5
#187LY-151( )
0.15
± 5, ± 10
796
3.0
200
3.8
#187LY-181( )
0.18
± 5, ± 10
796
3.0
200
3.8
#187LY-221( )
0.22
± 5, ± 10
796
3.0
200
2.9
#187LY-271( )
0.27
± 5, ± 10
796
3.0
200
2.6
#187LY-331( )
0.33
± 5, ± 10
796
4.0
200
2.3
#187LY-391( )
0.39
± 5, ± 10
796
4.0
200
2.1
#187LY-471( )
0.47
± 5, ± 10
796
4.0
200
1.9
#187LY-561( )
0.56
± 5, ± 10
796
4.0
200
1.7
#187LY-681( )
0.68
± 5, ± 10
796
4.0
200
1.6
#187LY-821( )
0.82
± 5, ± 10
796
6.0
200
1.4
#187LY-102( )
1.0
± 5, ± 10
252
6.0
150
1.3
#187LY-122( )
1.2
± 5, ± 10
252
9.0
150
1.2
#187LY-152( )
1.5
± 5, ± 10
252
9.0
150
1.1
#187LY-182( )
1.8
± 5, ± 10
252
9.0
100
1.0
#187LY-222( )
2.2
± 5, ± 10
252
13.0
100
0.9
#187LY-272( )
2.7
± 5, ± 10
252
13.0
100
0.8
#187LY-332( )
3.3
± 5, ± 10
252
13.0
100
0.7
#187LY-392( )
3.9
± 5, ± 10
252
13.0
50
0.7
#187LY-472( )
4.7
± 5, ± 10
252
18.0
50
0.6
#187LY-562( )
5.6
± 5, ± 10
252
18.0
50
0.6
#187LY-682( )
6.8
± 5, ± 10
252
26.0
50
0.5
#187LY-822( )
8.2
± 5, ± 10
252
26.0
50
0.5
#187LY-103( )
10.0
± 5, ± 10
79.6
40.0
40
0.4
#187LY-123( )
12.0
± 5, ± 10
79.6
40.0
40
0.4
#187LY-153( )
15.0
± 5, ± 10
79.6
60.0
40
0.4
#187LY-183( )
18.0
± 5, ± 10
79.6
60.0
30
0.3
#187LY-223( )
22.0
± 5, ± 10
79.6
80.0
30
0.3
#187LY-273( )
27.0
± 5, ± 10
79.6
80.0
30
0.3
#187LY-333( )
33.0
± 5, ± 10
79.6
80.0
30
0.3
(1) Add the tolerance code of Inductance to within the ( ) of the Part
Number as follows: J=
± 5%, K= ± 10%.
(2) Q and Inductance are measured with a Q meter YHP-4343B or
equivalent.
(3) Rated DC current is that at which the inductance value decreases
by 10% by the excitation with DC current, measured at 1kHz with
a universal bridge or equivalent.
(4) Self-resonant frequency is for reference only.
(1) ( )
内はインダクタンスの許容差を表しておりますので、ご指定く
ださい。J=
±5%、K=±10%です。
(2) Q
とインダクタンスはYHP-4343B型Qメータまたは同等品で測定
されます。
(3)
最大許容電流は、ユニバーサルブリッジまたは同等品を使用して
1kHz
で測定したインダクタンス値が印加直流電流によって10%
減少する時の値です。
(4)
自己共振周波数は、参考値です。
FEATURES
/特長
DIMENSIONS
/外形寸法図
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - 8RB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RBS TOKO-8RBS Datasheet
47Kb / 1P
Radial Type Fixed Inductors
More results

Similar Description - 8RB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RBS TOKO-8RBS Datasheet
47Kb / 1P
Radial Type Fixed Inductors
8RDB TOKO-8RDB Datasheet
59Kb / 1P
Radial Type Fixed Inductors
8RHB2 TOKO-8RHB2 Datasheet
47Kb / 1P
Radial Type Fixed Inductors
8RHT2 TOKO-8RHT2 Datasheet
63Kb / 1P
Radial Type Fixed Inductors
8RYBL TOKO-8RYBL Datasheet
53Kb / 1P
Radial Type Fixed Inductors
10RB TOKO-10RB Datasheet
49Kb / 1P
Radial Type Fixed Inductors
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
Radial Type Fixed Inductors
10RHT2 TOKO-10RHT2 Datasheet
98Kb / 2P
Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
Radial Type Fixed Inductors
16RHBP TOKO-16RHBP Datasheet
69Kb / 1P
Radial Type Fixed Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com