Electronic Components Datasheet Search
  English  ▼

X  

8RDB Datasheet(PDF) 1 Page - TOKO, Inc

Part # 8RDB
Description  Radial Type Fixed Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

8RDB Datasheet(HTML) 1 Page - TOKO, Inc

  8RDB Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8RDB
Inductance Range: 10~470
μH
with shield case
6.5Max.
φ
8.1Max.
3.0
φ
0.5
φ
9.0Max.
φ
0.5
7.0Max. 3.0
1.0
with shield case
(Unit: mm)
• Magnetically shielded construction and low leakage flux
type.
• 5mm-pitch, 2-terminal and low profile fixed inductor.
• Ideal for use as an inductor for high current circuit in all
types of electronic instruments.
• RoHS compliant.
• 閉磁路構造、低漏れ磁束タイプ
• 5mmピッチ、2端子、低背構造固定インダクタ
• 各種電子機器の大電流回路用インダクタに最適
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE 8RDB
東光品番
インダクタンス
(3)
許容差
Q
Q
測定周波数
最大許容電流
(1)(2)
TOKO
Part
Number
Inductance
(3)
Range
(
μH)
Tolerance
(%)
Q
Min.
Q Test
Frequency
(kHz)
Rated DC
Current
(1)(2)
(A)
#8RDB-100M
10
± 20
30
100
1.25
#8RDB-150M
15
± 20
30
100
0.91
#8RDB-180M
18
± 20
30
100
—
#8RDB-220M
22
± 20
30
100
0.82
#8RDB-330M
33
± 20
30
100
0.51
#8RDB-470M
47
± 20
30
100
0.47
#8RDB-680M
68
± 20
30
100
0.33
#8RDB-820M
82
± 20
30
100
—
#8RDB-101M
100
± 20
35
100
0.27
#8RDB-121K
120
± 10
35
100
—
#8RDB-151K
150
± 10
30
100
0.24
#8RDB-221K
220
± 10
30
100
0.22
#8RDB-331K
330
± 10
30
100
0.18
#8RDB-391K
390
± 10
30
100
—
#8RDB-471K
470
± 10
30
100
0.15
* Please inquire for detailed specifications.
お問い合わせ下さい。
(1) The rated DC current is that at which the inductance value
decreases by 10% by the excitation with DC current, measured at
1kHz with a universal bridge or equivalent.
(2) Rated DC current is for reference only.
(3) Inductance test frequency at 1.0kHz.
(1)
最大許容電流は、ユニバーサルブリッジまたは同等品を使用して
1kHz
で測定したインダクタンス値が印加直流電流によって10%
減少する時の値です。
(2)
最大許容電流は、参考値です。
(3)
インダクタンス測定周波数は1.0kHzです。
FEATURES
/特長
DIMENSIONS
/外形寸法図
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - 8RDB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RDY TOKO-8RDY Datasheet
90Kb / 1P
Fixed Inductors for Digital Audio Amplifier
More results

Similar Description - 8RDB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RB TOKO-8RB Datasheet
48Kb / 1P
Radial Type Fixed Inductors
8RBS TOKO-8RBS Datasheet
47Kb / 1P
Radial Type Fixed Inductors
8RHB2 TOKO-8RHB2 Datasheet
47Kb / 1P
Radial Type Fixed Inductors
8RHT2 TOKO-8RHT2 Datasheet
63Kb / 1P
Radial Type Fixed Inductors
8RYBL TOKO-8RYBL Datasheet
53Kb / 1P
Radial Type Fixed Inductors
10RB TOKO-10RB Datasheet
49Kb / 1P
Radial Type Fixed Inductors
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
Radial Type Fixed Inductors
10RHT2 TOKO-10RHT2 Datasheet
98Kb / 2P
Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
Radial Type Fixed Inductors
16RHBP TOKO-16RHBP Datasheet
69Kb / 1P
Radial Type Fixed Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com