Electronic Components Datasheet Search
  English  ▼

X  

10RHT2 Datasheet(PDF) 1 Page - TOKO, Inc

Part # 10RHT2
Description  Radial Type Fixed Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

10RHT2 Datasheet(HTML) 1 Page - TOKO, Inc

  10RHT2 Datasheet HTML 1Page - TOKO, Inc 10RHT2 Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10RHT2
Inductance Range: 10~3900
μH
12.7
12.7
6.35
φ0.7
3.85
5
φ4
0
±2°
(Unit: mm)
• Open magnetic circuit construction.
• High rated current.
• 5 mm-pitch, 2-terminals fixed inductor.
• Ideal for use as choke coil for high current DC circuits in
all types of electronic instruments.
• RoHS compliant.
• 開磁路構造
• 定格電流が大きい
• 5mmピッチの2端子形固定インダクタ
• 各種電子機器の大電流回路チョークコイルに最適
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE 10RHT2 Covered with Heat Shrunk Cover
熱収縮チューブカバー付
東光品番
インダクタンス
(1)
許容差
直流抵抗
(4)
最大許容電流
(2)
自己共振周波数
(3)(5)
TOKO
Part
Number
Inductance
(1)
L (
μH)
Tolerance
(%)
DC
Resistance
(4)
(
Ω) Max.
Rated DC
Current
(2)
(A) Max.
Self-resonant
Frequency
(3) (5)
(MHz) Min.
#A830LY-100K=R
10
± 10
0.052
2.20
44
#A830LY-120K=R
12
± 10
0.059
2.00
33
#A830LY-150K=R
15
± 10
0.065
1.93
25
#A830LY-180K=R
18
± 10
0.071
1.77
16
#A830LY-220K=R
22
± 10
0.076
1.72
12
#A830LY-270K=R
27
± 10
0.082
1.56
8.3
#A830LY-330K=R
33
± 10
0.086
1.49
5.9
#A830LY-390K=R
39
± 10
0.095
1.40
4.9
#A830LY-470K=R
47
± 10
0.11
1.29
4.1
#A830LY-560K=R
56
± 10
0.12
1.25
4.0
#A830LY-680K=R
68
± 10
0.13
1.24
3.9
#A830LY-820K=R
82
± 10
0.14
1.04
3.6
#A830LY-101K=R
100
± 10
0.18
1.02
2.8
#A830LY-121K=R
120
± 10
0.19
0.94
2.6
#A830LY-151K=R
150
± 10
0.22
0.92
2.2
#A830LY-181K=R
180
± 10
0.25
0.85
2.1
#A830LY-221K=R
220
± 10
0.28
0.82
1.9
#A830LY-271K=R
270
± 10
0.46
0.60
1.6
#A830LY-331K=R
330
± 10
0.50
0.56
1.5
#A830LY-391K=R
390
± 10
0.56
0.52
1.4
#A830LY-471K=R
470
± 10
0.62
0.48
1.3
#A830LY-561K=R
560
± 10
0.69
0.45
1.2
#A830LY-681K=R
680
± 10
0.79
0.44
1.1
#A830LY-821K=R
820
± 10
0.86
0.40
1.0
#A830LY-102K=R
1000
± 10
1.60
0.31
0.87
continued on next page
次頁へ続く
FEATURES
/特長
DIMENSIONS
/外形寸法図
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - 10RHT2

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
Radial Type Fixed Inductors
More results

Similar Description - 10RHT2

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RB TOKO-8RB Datasheet
48Kb / 1P
Radial Type Fixed Inductors
8RBS TOKO-8RBS Datasheet
47Kb / 1P
Radial Type Fixed Inductors
8RDB TOKO-8RDB Datasheet
59Kb / 1P
Radial Type Fixed Inductors
8RHB2 TOKO-8RHB2 Datasheet
47Kb / 1P
Radial Type Fixed Inductors
8RHT2 TOKO-8RHT2 Datasheet
63Kb / 1P
Radial Type Fixed Inductors
8RYBL TOKO-8RYBL Datasheet
53Kb / 1P
Radial Type Fixed Inductors
10RB TOKO-10RB Datasheet
49Kb / 1P
Radial Type Fixed Inductors
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
Radial Type Fixed Inductors
16RHBP TOKO-16RHBP Datasheet
69Kb / 1P
Radial Type Fixed Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com