Electronic Components Datasheet Search
  English  ▼

X  

BLC4115L Datasheet(PDF) 1 Page - TOKO, Inc

Part # BLC4115L
Description  Max. 6.5 & 5.5W, Medium & Large size LCD Monitors and vehicle applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

BLC4115L Datasheet(HTML) 1 Page - TOKO, Inc

  BLC4115L Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BLC4115/BLC4115L
(Unit: mm)
(Unit: mm)
Description
• The BLC4115/4115L are a CCFL driving surface mount inverter transformers
which height are Max. 6.7/6.0mm and formed by EIR ferrite cores.
• It is suitable for Hand held personal computer and LCD monitors for 14 inch
size or more and LCD monitor for automotive monitors.
概
要
• BLC4115/BLC4115Lは、EIRコアを使用した高さ6.7/6.0mm Max.の冷陰極管駆
動用面実装
づけ
インバータトランスです。
• ノート型パソコンや14インチ以上の大画面液晶モニタ、車載用液晶モニタなど
に最適です。
Features
• Small and low-profile h= 6.7/6.0mm Max. height.
• Suirtable for reflow soldering.
• Tandem structure of unit without the ballast capacitor.
• Available for mounting machine due to sipply in form of tray.
• Universal out-put terminals for high-voltage.
• RoHS compliant
特
長
• 小型、低背:h=6.7/6.0mm Max.
• リフロはんだ対応
• タンデム型構造の為、バラストコンデンサレスも可能
• 自動実装
づけ
対応のテーピング納入可能
• 高圧側ユニバーサル出力端子構造
• RoHS 指令対応
STANDARD PARTS SELECTION GUIDE
BLC4115/BLC4115L
TOKO
Part
Number
Input
Voltage
Range (V)
Output
Open Voltage
(Vrms)
Power
Consumption
of CCFL (W)
Oscillation
Frequency
(kHz)
Operating
Temperature
Range (
°C)
BLC4115/BLC4115L
5~27
1500 Max.
(2550Vo-p Max. 2sec.)
6.5/5.5 Max.
40~100
–
20 ~ +70*(+85)
・Characteristics are different depending on operating conditions. / 仕様は、ご使用条件により異なります。
・(85℃):Without ballast capacitance./バラストレス仕様の場合です。
Max.6.5&5.5W,Medium&LargesizeLCDMonitorsandvehicleapplications
大型液晶モニタ(14インチ以上、最大6.5&5.5W)/車載用液晶モニタ用インバータトランス
TYPE
BLC4115
BLC4115L


Similar Part No. - BLC4115L

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
BLC4110 TOKO-BLC4110 Datasheet
144Kb / 1P
Max. 10W, LCD Monitors or vehicle applications
More results

Similar Description - BLC4115L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM24P20 SHARP-LM24P20 Datasheet
52Kb / 1P
Medium Size Graphic Type LCD Module
LM32019P SHARP-LM32019P Datasheet
63Kb / 1P
Medium Size Graphic Type LCD Module
LM64183P SHARP-LM64183P Datasheet
59Kb / 1P
Large Size Graphic Type LCD Module
LM64P11 SHARP-LM64P11 Datasheet
34Kb / 1P
Large Size Graphic Type LCD Module
logo
TOKO, Inc
BLC4110 TOKO-BLC4110 Datasheet
144Kb / 1P
Max. 10W, LCD Monitors or vehicle applications
BLC4126 TOKO-BLC4126 Datasheet
140Kb / 1P
Max. 4.5W, Narrow width LCD Monitors backlight
BLC4204 TOKO-BLC4204 Datasheet
141Kb / 1P
2 in1 type, Max.3.5W/ch, LCD Monitors for 14 inch size or more and vehicle applications
BLC4206 TOKO-BLC4206 Datasheet
143Kb / 1P
2 in 1 type, Max. 6.5W/ch, LCD Monitors for 14 inch size or more and vehicle applications
CLT4123 TOKO-CLT4123 Datasheet
141Kb / 1P
Max. 8W, Medium & Large size LCD Monitors and vehicle applications
DHTP3237 TOKO-DHTP3237 Datasheet
135Kb / 1P
2 in1 type, Max. 8W/ch, LCD Monitors for 20inch size or more and vehicle applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com