Electronic Components Datasheet Search
  English  ▼

X  

C2LA Datasheet(PDF) 1 Page - TOKO, Inc

Part # C2LA
Description  Radial Type Fixed Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

C2LA Datasheet(HTML) 1 Page - TOKO, Inc

  C2LA Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C2LA
Inductance Range: 1.2~1000
μH
φ5.0 Max.
7.5 Max.
3.5
φ0.5
10
°
(Unit: mm)
• Ideal as a choke coil for noise
filtering and DC-DC Convertor
application.
• RoHS compliant.
• ノイズフィルタやDC-DCコンバ
ータ用インダクタに最適です
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE C2LA
東光品番
インダクタンス
(1)
許容差
直流抵抗
(3)
最大許容電流
(2)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(3)
(m
Ω) Max.
Rated
DC Current
(2)
(A) Max.
#C2LA-1R2M
1.2
± 20
13
4.32
#C2LA-1R5M
1.5
± 20
15
4.08
#C2LA-2R2M
2.2
± 20
18
3.20
#C2LA-2R7M
2.7
± 20
20
3.00
#C2LA-3R3M
3.3
± 20
22
2.70
#C2LA-3R9M
3.9
± 20
25
2.48
#C2LA-4R7M
4.7
± 20
28
2.20
#C2LA-5R6M
5.6
± 20
34
2.00
#C2LA-6R8M
6.8
± 20
43
1.75
#C2LA-8R2M
8.2
± 20
54.5
1.68
#C2LA-100K
10.0
± 10
67.5
1.52
#C2LA-120K
12.0
± 10
75.5
1.44
#C2LA-150K
15.0
± 10
84.5
1.28
#C2LA-180K
18.0
± 10
97.5
1.12
#C2LA-220K
22.0
± 10
130
1.04
#C2LA-270K
27.0
± 10
160
0.88
#C2LA-330K
33.0
± 10
180
0.88
#C2LA-390K
39.0
± 10
200
0.80
#C2LA-470K
47.0
± 10
220
0.72
#C2LA-560K
56.0
± 10
280
0.63
#C2LA-680K
68.0
± 10
350
0.58
#C2LA-820K
82.0
± 10
460
0.54
#C2LA-101K
100.0
± 10
530
0.48
#C2LA-121K
120.0
± 10
590
0.44
#C2LA-151K
150.0
± 10
800
0.40
#C2LA-181K
180.0
± 10
900
0.37
#C2LA-221K
220.0
± 10
1050
0.32
#C2LA-271K
270.0
± 10
1320
0.28
#C2LA-331K
330.0
± 10
1680
0.26
#C2LA-391K
390.0
± 10
2050
0.24
#C2LA-471K
470.0
± 10
2400
0.21
#C2LA-561K
560.0
± 10
2650
0.19
#C2LA-681K
680.0
± 10
3250
0.18
#C2LA-821K
820.0
± 10
4300
0.16
#C2LA-102K
1000.0
± 10
5400
0.14
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent. Test frequency at 1.0kHz.
(2) Rated DC current is that which causes a 10% inductance
reduction from the initial value, or coil temperature to rise by
40°C, whichever is smaller. (Reference ambient temperature
25°C)
(3) DC resistance is measured with a digital multimeter TR6871
(Advantest) or equivalent.
(1)
インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は1.0kHzです。
(2)
最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より10%減少する直流電流値、または直流電流により、コ
イルの温度が40℃上昇の何れか小さい値です。(周囲温度25℃を
基準とする。)
(3)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
FEATURES
/特長
DIMENSIONS
/外形寸法図
Radial Type Fixed Inductors
ラジアルタイプ固定インダクタ


Similar Part No. - C2LA

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C2LG6-F PANDUIT-C2LG6-F Datasheet
379Kb / 2P
Type C Wiring Duct Cover with Protective Film
More results

Similar Description - C2LA

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RB TOKO-8RB Datasheet
48Kb / 1P
Radial Type Fixed Inductors
8RBS TOKO-8RBS Datasheet
47Kb / 1P
Radial Type Fixed Inductors
8RDB TOKO-8RDB Datasheet
59Kb / 1P
Radial Type Fixed Inductors
8RHB2 TOKO-8RHB2 Datasheet
47Kb / 1P
Radial Type Fixed Inductors
8RHT2 TOKO-8RHT2 Datasheet
63Kb / 1P
Radial Type Fixed Inductors
8RYBL TOKO-8RYBL Datasheet
53Kb / 1P
Radial Type Fixed Inductors
10RB TOKO-10RB Datasheet
49Kb / 1P
Radial Type Fixed Inductors
10RHB2 TOKO-10RHB2 Datasheet
55Kb / 2P
Radial Type Fixed Inductors
10RYB TOKO-10RYB Datasheet
70Kb / 1P
Radial Type Fixed Inductors
16RHBP TOKO-16RHBP Datasheet
69Kb / 1P
Radial Type Fixed Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com