Electronic Components Datasheet Search
  English  ▼

X  

DCM42 Datasheet(PDF) 1 Page - TOKO, Inc

Part # DCM42
Description  Common-mode Chokes for DC Power Line
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DCM42 Datasheet(HTML) 1 Page - TOKO, Inc

  DCM42 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DCM42 Type
(Unit: mm)
(Unit: mm)
Features
• SMD type current use common mode choke for DC Line.
• DC current available to 1.5A.
• Due to the tight coupling (closed magnetic circuit
structure).
The DCM42 offers high impedance characteristics against
common mode noise while achiving low impedance in the
normal mode.
• RoHS compliant
特
長
• 面実装
づけ
、電源回路用、大電流対応コモンモードチョーク
• 直流電流1.5A迄対応
• 閉磁路による高結合のため、コモンモードノイズに対しては
高いインピーダンス特性を持ち、ノーマルモードに対しては
低インピーダンス化を実現
• RoHS 指令対応
Electrical Characteristics 電気的特性Electrical Characteristics 電気的特性
東光品番
直流電流
コモンモードインピーダンス
挿入損失
直流抵抗/ライン
Common Mode Impedance
‘
at 100MHz
Insertion Loss
‘
at 100MHz
DC Resistance
/ Line
TOKO
Part Number
DC Current
(A) Max.
(
Ω) Typ.
(dB) Min.
(m
Ω) Max.
1154AS-1001
1.5
1300
17
0.05
Typical Characteristics 代表特性例
Insertion Loss Characteristics of 1154AS-1001
Impedance Characteristics of 1154AS-1001
0
5
10
15
20
25
30
1
10
100
1000
Freq. (MHz)
Common mode
Normal mode
1
10
100
1000
10000
1
10
100
1000
Freq. (MHz)
Common mode
Normal mode
Pin Connections 接続図
Current Rising Temperature
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
(A)
Recommended patterns
推奨パターン
Common-mode Chokes for DC Power Line
電源ライン用コモンモードチョーク
TYPE
DCM42
(The sample passing direct-current current says the current value which amounts to 30℃)


Similar Part No. - DCM42

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM420P120M400A40 VICOR-DCM420P120M400A40 Datasheet
1Mb / 25P
Regulated DC Converter
DCM420P120T400A40 VICOR-DCM420P120T400A40 Datasheet
1Mb / 25P
Regulated DC Converter
DCM420P138M500A40 VICOR-DCM420P138M500A40 Datasheet
1Mb / 25P
Regulated DC Converter
DCM420P138M600A40 VICOR-DCM420P138M600A40 Datasheet
2Mb / 25P
Regulated DC Converter
DCM420P138T500A40 VICOR-DCM420P138T500A40 Datasheet
1Mb / 25P
Regulated DC Converter
More results

Similar Description - DCM42

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
POWER LINE CHOKES COMMON MODE CHOKES
logo
Premier Magnetics, Inc.
PM-OM01 PMI-PM-OM01 Datasheet
159Kb / 5P
COMMON MODE LINE CHOKES
logo
Coilcraft lnc.
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L Datasheet
118Kb / 3P
Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
Common Mode Line Chokes
P3224-AL COILCRAFT-P3224-AL Datasheet
331Kb / 3P
Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL_13 Datasheet
222Kb / 2P
Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL_13 Datasheet
276Kb / 2P
Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
Common Mode Line Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com