Electronic Components Datasheet Search
  English  ▼

X  

DS73LC Datasheet(PDF) 2 Page - TOKO, Inc

Part # DS73LC
Description  Fixed Inductors for Surface Mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DS73LC Datasheet(HTML) 2 Page - TOKO, Inc

  DS73LC Datasheet HTML 1Page - TOKO, Inc DS73LC Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Å@
continued from previous page
前頁より続く
SELECTION GUIDE FOR STANDARD COILS
TYPE DS73LC (Quantity/reel; 1000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max.
Inductance
Decrease Current
(3)
(A) Max.
=10%
Temperature
Rise Current
(3)
ΔT=40°C
(A) Max.
B1079AS-1R0N
1.0
± 30
11
5.25
6.5
B1079AS-1R5N
1.5
± 30
13
4.35
6.00
B1079AS-2R0N
2.0
± 30
19
3.60
4.60
B1079AS-2R7N
2.7
± 30
25
3.15
3.80
B1079AS-3R3N
3.3
± 30
29
2.75
3.70
B1079AS-3R9N
3.9
± 30
32
2.55
3.30
B1079AS-4R7N
4.7
± 30
40
2.30
3.00
B1079AS-6R8N
6.8
± 30
54
1.95
2.30
B1079AS-100M
10.0
± 20
77
1.60
2.00
B1079AS-150M
15.0
± 20
114
1.25
1.45
B1079AS-220M
22.0
± 20
150
1.05
1.35
B1079AS-330M
33.0
± 20
228
0.90
1.10
B1079AS-470M
47.0
± 20
300
0.75
0.87
B1079AS-560M
56.0
± 20
348
0.70
0.80
B1079AS-680M
68.0
± 20
492
0.62
0.70
B1079AS-101M
100.0
± 20
696
0.50
0.54
B1079AS-151M
150.0
± 20
1188
0.41
0.47
B1079AS-221M
220.0
± 20
1512
0.35
0.36
TYPE DS74LC (Quantity/reel; 1000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max.
Inductance
Decrease Current
(3)
(A) Max.
=10%
Temperature
Rise Current
(3)
ΔT=40°C
(A) Max.
B1077AS-2R4N
2.4
± 30
16
3.8
4.5
B1077AS-3R0N
3.0
± 30
20
3.3
4.1
B1077AS-4R7N
4.7
± 30
34
2.6
3.0
B1077AS-6R8N
6.8
± 30
40
2.3
2.7
B1077AS-100M
10
± 20
58
1.8
2.2
B1077AS-150M
15
± 20
80
1.5
2.0
B1077AS-220M
22
± 20
98
1.2
1.7
B1077AS-330M
33
± 20
155
1.0
1.3
B1077AS-470M
47
± 20
230
0.86
1.1
B1077AS-680M
68
± 20
305
0.71
0.90
B1077AS-101M
100
± 20
445
0.59
0.75
B1077AS-151M
150
± 20
835
0.46
0.52
B1077AS-221M
220
± 20
1055
0.39
0.48
B1077AS-331M
330
± 20
1520
0.32
0.38
B1077AS-471M
470
± 20
2390
0.26
0.31
ΔL
L
ΔL
L
Fixed Inductors for Surface Mounting
面実装
づけ
用固定インダクタ
Fixed Inductors for Surface Mounting
面実装
づけ
用固定インダクタ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com