Electronic Components Datasheet Search
  English  ▼

X  

EAS30S Datasheet(PDF) 1 Page - TOKO, Inc

Part # EAS30S
Description  Fixed Inductors for Digital Audio Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

EAS30S Datasheet(HTML) 1 Page - TOKO, Inc

  EAS30S Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EAS30S/EAW30S
Inductance: 10
μH~22μH (EAS30S), 10μH×2~22μH×2 (EAW30S)
EAS30S
10.3 Max.
7.6 Max.
(Unit: mm)
3.0
3.0
2.5
(Unit: mm)
EAW30S
13.5Max.
10.4Max.
(Unit: mm)
3.0
3.0
8.0
(Unit: mm)
• High sound quality, low distortion, and low heat generation
• EAS30S: 1coil in 1unit structure and EAW30S: 2 coils in
1unit structure are line up.
• A magnetically shielded structure prevents radiation noise
• RoHS compliant
• 低歪率、低発熱の高音質重視品
• 2in1構造のEAW30Sに加え1in1構造のEAS30Sをラインナ
ップ
• 放射ノイズを防ぐ閉磁路(防磁)構造
• RoHS指令対応品
SELECTION GUIDE FOR STANDARD COILS
TYPE EAS30S (1coil in 1unit)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
TOKO
Part
Number
Inductance
(1)
L(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max.
Inductance
Decrease Current
(3)
(A) Max.
=10%
Temperature
Rise Current
(4)
ΔT=40°C
(A) Max.
1168ER-0002
10.0
± 20
25.0
8.0
3.8
1168ER-0001
22.0
± 20
25.0
3.3
4.0
TYPE EAW30S (2coils in 1unit)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(4)
TOKO
Part
Number
Inductance
(1)
L(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max.
Inductance
Decrease Current
(3)
(A) Max.
=10%
Temperature
Rise Current
(4)
ΔT=40°C
(A) Max.
1107ER-0017
10
×2
± 20
25.0
8.0
3.8
1107ER-0018
22
×2
± 20
25.0
3.3
4.0
(1) Inductance is measured with a LCR meter 4284A* or equivalent.
Test frequency at 100kHz.
(2) DC Resistance is measured with a Digital Multimeter TR6871
(ADVANTEST) or equivalent.
(3) Inductance decrease current based upon 10% inductance
reduction from the initial value.
(4) Temperature rise current based upon 40°C temperature rise.
(Reference ambient temperature 20°C)
*Agilent Technologies
(1)
インダクタンスはLCRメータ4284A*または同等品により測定する。
測定周波数は100kHzです。
(2)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同
等品により測定する
(3)
直流重畳許容電流:直流電流を流した時インダクタンスの値が初
期値より10%減少する電流値
(4)
温度上昇許容電流:直流電流を流した時コイルの温度が40℃上昇
する電流値(周囲温度20℃を基準とする。)
*Agilent Technologies
ΔL
L
ΔL
L
Recommended patterns
推奨パターン図
DIMENSIONS
/外形寸法図
FEATURES
/特長
Fixed Inductors for Digital Audio Amplifier
デジタルオーディオアンプ用固定インダクタ


Similar Part No. - EAS30S

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EAS CARLOGAVAZZI-EAS Datasheet
110Kb / 2P
Timers Delay on Operate Type EAS
logo
Panasonic Semiconductor
EAS-45P30S PANASONIC-EAS-45P30S Datasheet
141Kb / 4P
General Speaker
EAS-4D02CO PANASONIC-EAS-4D02CO Datasheet
141Kb / 4P
General Speaker
EAS-4P15SA PANASONIC-EAS-4P15SA Datasheet
141Kb / 4P
General Speaker
EAS-6P22S PANASONIC-EAS-6P22S Datasheet
141Kb / 4P
General Speaker
More results

Similar Description - EAS30S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
8RDY TOKO-8RDY Datasheet
90Kb / 1P
Fixed Inductors for Digital Audio Amplifier
11RHBP TOKO-11RHBP Datasheet
142Kb / 1P
Fixed Inductors for Digital Audio Amplifier
13RHBP TOKO-13RHBP Datasheet
97Kb / 1P
Fixed Inductors for Digital Audio Amplifier
C3B TOKO-C3B Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DAMW TOKO-DAMW Datasheet
90Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DASL1620 TOKO-DASL1620 Datasheet
106Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DAW TOKO-DAW Datasheet
65Kb / 1P
Fixed Inductors for Digital Audio Amplifier
EAW30S TOKO-EAW30S Datasheet
103Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DA1476S TOKO-DA1476S Datasheet
48Kb / 1P
Fixed Inductors for Digital Audio Amplifier
DAEPWL TOKO-DAEPWL Datasheet
54Kb / 1P
Fixed Inductors for Digital Audio Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com