Electronic Components Datasheet Search
  English  ▼

X  

A1007AY Datasheet(PDF) 1 Page - TOKO, Inc

Part # A1007AY
Description  High Reliability Fixed Inductors for Surface Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

A1007AY Datasheet(HTML) 1 Page - TOKO, Inc

  A1007AY Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DH75C
Inductance Range: 1.2~680
μH
7.6Max.
*
2.0
6.0
3.3
(Unit: mm)
4.4
8.4
(Unit: mm)
• High reliability for vehicle application.
• Operating temperature range : –55°C~+125°C
• Low profile (7.6mm Max. square, 5.1mm Max. height).
• Magnetically shielded construction and low DC resistance.
• Suitable for large currents.
• Ideal for a variety of DC-DC converter inductor applications.
• RoHS compliant.
• 車載機器向け信頼性向上品
• 使用温度範囲:–55°C∼+125°C
• 小型薄形構造(7.6mm角Max. 高さ5.1mm Max.)
• 閉磁路構造、低直流抵抗
• 大電流対応
• 各種機器のDC-DCコンバータ用インダクタに最適
• RoHS指令対応
SELECTION GUIDE FOR STANDARD COILS
TYPE DH75C (With Ferrite Shield)
閉磁路タイプ(リングコア有り) (Quantity/reel; 1,000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
L (
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max.
Inductance
Decrease Current
(3)
(A) Max.
=30%
Temperature
Rise Current
(3)
ΔT=20°C
(A) Max.
A1007AY-1R2M
1.2
± 20
22
4.30
3.00
A1007AY-2R4M
2.4
± 20
29
3.00
2.50
A1007AY-3R3M
3.3
± 20
32
2.60
2.30
A1007AY-5R1M
5.1
± 20
39
2.10
2.10
A1007AY-7R5M
7.5
± 20
46
1.80
1.90
A1007AY-100M
10.0
± 20
53
1.50
1.80
A1007AY-150M
15.0
± 20
74
1.20
1.50
A1007AY-220M
22.0
± 20
105
0.98
1.20
A1007AY-330M
33.0
± 20
160
0.81
0.96
A1007AY-470M
47.0
± 20
195
0.68
0.88
A1007AY-680M
68.0
± 20
300
0.57
0.69
A1007AY-101M
100.0
± 20
435
0.48
0.53
A1007AY-151M
150.0
± 20
555
0.38
0.47
A1007AY-221M
220.0
± 20
795
0.32
0.40
A1007AY-331M
330.0
± 20
1320
0.26
0.31
A1007AY-471M
470.0
± 20
1560
0.21
0.28
A1007AY-681M
680.0
± 20
2520
0.18
0.22
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC Resistance is measured with a Digital Multimeter TR6871
(Advantest) or equivalent.
(3) Maximum allowable DC current is that which inductance decrease
current, or temperature rise current, whichever is smaller.
・ Inductance decrease current : The inductance value decreases
30% by the excitation of DC current. (reference ambient
temperature 125
°C)
・ Temperature rise current : The temperature rises 20
°C by
excitation of DC current. (reference ambient temperature 20
°C)
(1)
インダクタンスはLCRメータ4284A(Agilent Technologies)または
同等品により測定する。
測定周波数は100kHzです。
(2)
直流抵抗はデジタルマルチメータTR6871(Advantest)または同等
品により測定する。
(3)
最大許容電流:直流重畳許容電流値と温度上昇許容電流値の何れ
か小さい値です。
・ 直流重畳許容電流:直流重畳特性においてインダクタンス値が
30%
低下した時の電流値。(周囲温度125
°C)
・ 温度上昇許容電流:直流を流した時の巻線温度上昇が20
°Cに達
する電流値。(周囲温度20
°C)
ΔL
L
Recommended patterns
推奨パターン図
FEATURES
/特長
DIMENSIONS
/外形寸法図
High Reliability Fixed Inductors for Surface Mounting
高信頼性面実装
づけ
固定インダクタ


Similar Part No. - A1007AY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1007 ETC2-A1007 Datasheet
188Kb / 1P
Desoldering Gun for HAKKO 474.475
A1007 ETC1-A1007 Datasheet
1Mb / 24P
Desoldering Tool
A1007 ETC2-A1007 Datasheet
233Kb / 6P
R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
logo
HAKKO Corporation
A1007 HAKKO-A1007 Datasheet
104Kb / 1P
Repair System
More results

Similar Description - A1007AY

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
D62LCB TOKO-D62LCB Datasheet
97Kb / 3P
Fixed Inductors for Surface Mounting
D62LCB TOKO-D62LCB_1 Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
DS126C2 TOKO-DS126C2 Datasheet
152Kb / 1P
Fixed Inductors for Surface Mounting
E123L TOKO-E123L Datasheet
106Kb / 1P
Fixed Inductors for Surface Mounting
FDU1250 TOKO-FDU1250 Datasheet
107Kb / 1P
Fixed Inductors for Surface Mounting
DH10F TOKO-DH10F Datasheet
85Kb / 1P
High Reliability Fixed Inductors for Surface Mounting
DH63LCB TOKO-DH63LCB Datasheet
58Kb / 1P
High Reliability Fixed Inductors for Surface Mounting
DH124C TOKO-DH124C Datasheet
69Kb / 1P
High Reliability Fixed Inductors for Surface Mounting
DSH104C TOKO-DSH104C Datasheet
56Kb / 1P
High Reliability Fixed Inductors for Surface Mounting
DSH126C TOKO-DSH126C Datasheet
57Kb / 1P
High Reliability Fixed Inductors for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com