Electronic Components Datasheet Search
  English  ▼

X  

R10F Datasheet(PDF) 1 Page - TOKO, Inc

Part # R10F
Description  SMT DC-DC Converter Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

R10F Datasheet(HTML) 1 Page - TOKO, Inc

  R10F Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TYPE R10F
Frequency Range: 1~500kHz
Inductance Range: 0.01~350mH
Maximum conversion power: 1.5W (Flyback system)
Applicable EL size: 3~12cm
2
(Unit: mm)
(Unit: mm)
TYPE R12F
Frequency Range: 8~200kHz
Inductance Range: 1~450mH
Maximum conversion power: 2.0W (Flyback system)
(Unit: mm)
(Unit: mm)
TYPE R15F
Frequency Range: 8~200kHz
Inductance Range: 1~600mH
Maximum conversion power: 4.0W (Flyback system)
(Unit: mm)
(
Unit: mm)
Features
• R10F: 13.0 × 11.5mm Max. square and 6.2mm Max. height.
R12F: 14.5 × 13mm Max. square and 6.0mm Max. height.
R15F: 16.5 × 16mm Max. square and 7.0mm Max. height.
• Suitable for reflow soldering
• Available on tape and reel for automatic insertion
• Multi-output DC-DC converter transformers for low-output
power supplies
• Rated power by each specification
• RoHS compliant
特
長
• R10F:13.0×11.5mm角Max. 高さ6.2mm Max.
R12F:14.5×13mm角Max. 高さ6.0mm Max.
R15F:16.5×16mm角Max. 高さ7.0mm Max.
• リフロはんだ対応
• 自動実装対応のテーピング納入可能
• フライバックDC-DCコンバータ用多出力トランス
• 許容電力は仕様により異なります
• RoHS 指令対応
Please inquire for detailed specifications regarding standard coils.
標準品仕様一覧は、お問い合わせ下さい。
SMT DC-DC Converter Transformers
面実装
づけ
用 DC-DCコンバータトランス
TYPE
R10F
R12F
R15F
Recommended patterns
推奨パターン
Recommended patterns
推奨パターン
Recommended patterns
推奨パターン


Similar Part No. - R10F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R10 RENESAS-R10 Datasheet
568Kb / 16P
Sample Program (Lux Meter)
logo
TE Connectivity Ltd
R10 TEC-R10 Datasheet
344Kb / 6P
1 through 8 form C (CO) contact arrangement
logo
Weller Tools
R10 WELLER-R10 Datasheet
42Kb / 2P
Hot air nozzles for HAP1 WMD 3K, WMD 1A, WAD 101, WMA 3V
logo
3M Electronics
R10-10 3M-R10-10 Datasheet
23Kb / 2P
R10-6 thru R18-10 Ring Tongue, Non-Insulated, Butted Seam
R10-14 3M-R10-14 Datasheet
23Kb / 2P
R10-6 thru R18-10 Ring Tongue, Non-Insulated, Butted Seam
More results

Similar Description - R10F

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
ER3023 SUMIDA-ER3023 Datasheet
126Kb / 1P
DC/DC CONVERTER TRANSFORMERS
logo
EPCOS
B78310P1623A005 EPCOS-B78310P1623A005 Datasheet
60Kb / 2P
ISDN Transformers DC/DC Converter
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
TOKO, Inc
5CA TOKO-5CA Datasheet
115Kb / 1P
SMT DC-DC Converter Transformers
6CA TOKO-6CA Datasheet
113Kb / 1P
SMT DC-DC Converter Transformers
8CA TOKO-8CA Datasheet
126Kb / 1P
SMT DC-DC Converter Transformers
10CA TOKO-10CA Datasheet
117Kb / 1P
SMT DC-DC Converter Transformers
logo
Productwell Precision E...
DDEI19-001 PRODUCTWELL-DDEI19-001 Datasheet
79Kb / 1P
DC/DC CONVERTER TRANSFORMERS
logo
Mitsumi Electronics, Co...
CT-SERIES MITSUMI-CT-SERIES Datasheet
132Kb / 2P
Step Up DC/DC Converter Transformers for Strobe Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com