Electronic Components Datasheet Search
  English  ▼

X  

SA3M08 Datasheet(PDF) 1 Page - TOKO, Inc

Part # SA3M08
Description  Transponder Coils for Surface Mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

SA3M08 Datasheet(HTML) 1 Page - TOKO, Inc

  SA3M08 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transponder Coils for Surface Mounting
面実装
づけ
用 トランスポンダコイル
TYPE
SA3M08
TYPE SA3M08
(Unit: mm)
(Unit: mm)
Recommended patterns
推奨パターン
Features
 High reliability conforms to automotive applications.
 Encapsulated core and winding for anti-shock proof.
 High Q and high sensivility due to optimaized magnetic
material and electrode structure.
 Wide inductance range for desigh flexibility
 Applicable to reflow soldering
 RoHS compliant
特
長
 車載基準に適合する高信頼性
 磁性体と巻線部を樹脂封止した耐衝撃構造
 磁性材と電極構造の最適化による高Q・高感度性能
 設計自由度が広く、広インダクタンス範囲可能
 リフロはんだ付けが可能
 RoHS 指令対応
Applications
 Surtable as a Transponder Antenna Coil for TPMS and
Keyless Entry System. (Vehicle application)
 Wide operating temperature range (− 40°C~+125°C)
用
途
 TPMSとリモートキーレスエントリの一体システムのトランス
ポンダ用アンテナコイルに最適(自動車使用等)
 使用温度範囲:−40 ∼ +125℃
SELECTION GUIDE FOR STANDARD TRANSFORMERS
東光品番
インダクタンス
測定周波数
許容差
Q
TOKO
Part Number
Inductance
L (mH)
Test Frequency
(kHz)
Tolerance
(%)
Unloaded Q
Min.
1143AA-102J
1.0
125
5
25
1143AA-122J
1.2
125
5
25
1143AA-152J
1.5
125
5
25
1143AA-182J
1.8
125
5
25
1143AA-222J
2.2
125
5
30
1143AA-272J
2.7
125
5
30
1143AA-332J
3.3
125
5
35
1143AA-392J
3.9
125
5
35
1143AA-472J
4.7
125
5
30
1143AA-562J
5.6
125
5
30
1143AA-682J
6.8
125
5
35
1143AA-822J
8.2
125
5
30
1143AA-103J
10.0
125
5
30
1143AA-123J
12.0
125
5
35
1143AA-153J
15.0
125
5
35
1143AA-183J
18.0
125
5
35
If you are looking for inductance other than the above, please contact us.
上記以外のインダクタンスの御対応もお受けしております。


Similar Part No. - SA3M08

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
Transponder Coils for Surface Mounting
More results

Similar Description - SA3M08

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
836BN-0075Z TOKO-836BN-0075Z Datasheet
25Kb / 2P
Variable Coils for Surface Mounting
FSDV TOKO-FSDV Datasheet
26Kb / 2P
Variable Coils for Surface Mounting
MC152 TOKO-MC152 Datasheet
28Kb / 2P
Molded Coils for Surface Mounting
SA3D14 TOKO-SA3D14 Datasheet
97Kb / 1P
Transponder Coils for Surface Mounting
SA3M12 TOKO-SA3M12 Datasheet
83Kb / 1P
Transponder Coils for Surface Mounting
logo
AIT Components Ltd.
GSAT3D15-242J AITCOMPONENTS-GSAT3D15-242J Datasheet
228Kb / 1P
Surface Mount 3D Transponder Coils
logo
TOKO, Inc
5CCEG TOKO-5CCEG Datasheet
215Kb / 1P
Valiable Coils for Surface Mounting
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
Transponder Coils for Surface Mounting
SA3D14 TOKO-SA3D14_16 Datasheet
279Kb / 1P
Transponder Coils for Surface Mounting
SA3D12 TOKO-SA3D12_16 Datasheet
261Kb / 1P
Transponder Coils for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com