Electronic Components Datasheet Search
  English  ▼

X  

B992AS-101M Datasheet(PDF) 2 Page - TOKO, Inc

Part # B992AS-101M
Description  Fixed Inductors for Surface Mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

B992AS-101M Datasheet(HTML) 2 Page - TOKO, Inc

  B992AS-101M Datasheet HTML 1Page - TOKO, Inc B992AS-101M Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS85LCB / DS86C
DS85LCB : 8.4
× 8.3mm Max. square, 5.0mm height, Inductance range: 1.0~100μH
DS86C : 8.4
× 8.3mm Max. square, 6.8mm height, Inductance range: 1.3~220μH
SELECTION GUIDE FOR STANDARD COILS
TYPE DS85LCB (Quantity/reel; 500 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max.
=10% (Typ.)
Temperature
Rise Current
(3)
ΔT=40°C
(A) Max. (Typ.)
B1135AS-1R0N
1.0
±30
9.6 (8.0)
7.8 (10.4)
8.5 (10.0)
B1135AS-1R5N
1.5
±30
11 (9.3)
6.3 (8.4)
7.6 (9.0)
B1135AS-2R2N
2.2
±30
13 (11)
5.5 (7.3)
7.3 (8.6)
B1135AS-2R7N
2.7
±30
14 (12)
4.7 (6.3)
6.5 (7.6)
B1135AS-3R6N
3.6
±30
17 (14)
4.2 (5.6)
5.5 (6.5)
B1135AS-4R7N
4.7
±30
21 (17)
3.7 (5.0)
5.1 (6.0)
B1135AS-6R8N
6.8
±30
29 (25)
3.1 (4.1)
4.0 (4.7)
B1135AS-100M
10
±20
45 (38)
2.4 (3.2)
3.3 (3.8)
B1135AS-150M
15
±20
64 (53)
2.0 (2.7)
2.5 (2.9)
B1135AS-220M
22
±20
84 (70)
1.7 (2.3)
2.3 (2.7)
B1135AS-330M
33
±20
110 (90)
1.4 (1.9)
1.9 (2.3)
B1135AS-470M
47
±20
150 (125)
1.2 (1.6)
1.6 (1.9)
B1135AS-680M
68
±20
235 (195)
0.97 (1.3)
1.3 (1.5)
B1135AS-101M
100
±20
330 (275)
0.79 (1.1)
1.1 (1.3)
TYPE DS86C (Quantity/reel; 500 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
μH)
Tolerance
(%)
DC
Resistance
(2)
(m
Ω) Max.
Inductance
Decrease Current
(3)
(A) Max.
=10%
Temperature
Rise Current
(3)
ΔT=40°C
(A) Max.
B992AS-1R3N
1.3
± 30
14
8.3
6.1
B992AS-2R0N
2.0
± 30
15
6.8
6.0
B992AS-2R7N
2.7
± 30
17
5.9
5.5
B992AS-3R3N
3.3
± 30
21
5.2
4.8
B992AS-4R3N
4.3
± 30
22
4.6
4.8
B992AS-5R6N
5.6
± 30
26
4.1
4.3
B992AS-6R8N
6.8
± 30
28
3.8
4.1
B992AS-8R2N
8.2
± 30
30
3.4
3.9
B992AS-100M
10.0
± 20
36
2.9
3.6
B992AS-150M
15.0
± 20
41
2.6
3.3
B992AS-220M
22.0
± 20
74
2.0
2.5
B992AS-330M
33.0
± 20
120
1.6
1.9
B992AS-470M
47.0
± 20
150
1.4
1.7
B992AS-680M
68.0
± 20
210
1.1
1.4
B992AS-101M
100.0
± 20
310
0.98
1.1
B992AS-151M
150.0
± 20
400
0.75
0.94
B992AS-221M
220.0
± 20
560
0.65
0.80
ΔL
L
ΔL
L
Fixed Inductors for Surface Mounting
面実装
づけ
用固定インダクタ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com