Electronic Components Datasheet Search
  English  ▼

X  

2N4416 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N4416
Description  SMALL SIGNAL N-CHANNEL J-FET THAT IS DESIGNED TO PROVIDE HIGH PERFORMANCE AMPLIFICATION AT HIGH FREQUENCIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4416 Datasheet(HTML) 2 Page - Seme LAB

  2N4416 Datasheet HTML 1Page - Seme LAB 2N4416 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N4416A
2N4416A
Document Number 3631
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (TA= 25°C unless otherwise stated)
VDS = 0V
2N4416
IG = –1µA
2N4416A
VDS = 15V
2N4416
ID = 1nA
2N4416A
VDS = 15V
VGS = 0V
VGS = –20
VDS = 0V
Tamb = 125°C
VDG = 10V
ID = 1mA
VDS = 10V
VGS = –10V
IG = 1mA
VDS = 0V
VGS = 0V
ID = 1mA
VDS = 15V
VGS = 0V
f = 1kHz
VDS = 15V
VGS = 0V
f = 1MHz
VDS = 10V
VGS = 0V
f = 1kHz
V(BR)GSS Gate – Source Breakdown Voltage
VGSS(off)
Gate – Source Cut–off Voltage
IDSS*
Saturation Current
IGSS
Gate Reverse Current
IG
Gate Operating Current
ID(off)
Drain Cut–off Current
VGS(F)
Gate – Source Forward Voltage
RDS(on)
Drain – Source On Resistance
gfs
Common – Source Forward
Transconductance
gos
Common – Source Output
Transconductance
Ciss
Common – Source Input Capacitance
Common – Source Reverse Transfer
Crss
Capacitance
Common – Source Output
Coss
Capacitance
_
en
Equivalent Input Noise Voltage
–30
–36
–35
–36
–3
–6
–2.5
–3
–6
510
15
–2
–100
–4
–100
–20
2
0.7
150
4.567.5
15
50
2.2
4
0.7
0.8
12
6
V
mA
pA
nA
pA
V
Ω
ms
µs
pF
nV
√Hz
STATIC CHARACTERISTICS
DYNAMIC CHARACTERISTICS
Pulse Test; PW = 300
µs, Duty Cycle # 3%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com