Electronic Components Datasheet Search
  English  ▼

X  

2N6661CSM4 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N6661CSM4
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6661CSM4 Datasheet(HTML) 2 Page - Seme LAB

  2N6661CSM4 Datasheet HTML 1Page - Seme LAB 2N6661CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6661CSM4
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be
both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab
encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
DOC 3779, ISSUE 3
STATIC ELECTRICAL RATINGS (T
case=25°C unless otherwise stated)
Parameter
Test Conditions
Min. Typ.
Max.
Unit
V
(BR)DSS
Drain – Source Breakdown Voltage
V
GS = 0V
I
D = 1.0µA
90
-
-
V
DS = VGS
I
D = 1.0mA
0.8
-
2
T
C = 125°C
0.3
-
-
V
GS(th)
Gate – Source threshold Voltage
T
C = -55°C
-
-
2.5
V
V
GS = ±20V
V
DS = 0V
-
-
±100
I
GSS
Gate – Source Leakage Current
T
C = 125°C
-
-
±500
nA
V
DS = 72V
V
GS = 0V
-
-
1.0
I
DSS
Zero Gate Voltage Drain Current
T
C = 125°C
-
-
100
µA
I
D(on)
On – State Drain Current (note 2)
V
DS = 15V
V
GS = 10V
1.5
-
-
A
V
GS = 5V
I
D = 0.3A
-
-
5.3
V
GS = 10V
I
D = 1.0A
-
-
4
R
DS(on)
Drain – Source On Resistance
(note 3)
T
C = 125°C
-
-
7.5
Ω
V
GS = 5V
I
D = 0.3A
-
-
1.6
V
GS = 10V
I
D = 1.0A
-
-
4
V
DS(on)
Drain – Source On Voltage (note 2)
T
C = 125°C
-
-
7.5
V
g
FS
Forward Transconductance (Note 2)
V
DS = 7.5V
I
D = 0.475A
170
-
-
ms
V
SD
Diode Forward Voltage (Note 2)
V
GS = 0V
I
s = 0.86A
0.7
-
1.4
V
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
-
-
50
C
oss
Output Capacitance
-
-
40
C
rss
Reverse Transfer Capacitance
V
DS = 25V
f = 1.0MHz
V
GS = 0V
-
-
10
pF
T
d(on)
Turn-On Delay
-
-
10
T
d(off)
Turn-Off Delay Time
V
DD = 25V
R
GS = 50Ω
I
D = 1A
(Note 2)
-
-
10
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com