Electronic Components Datasheet Search
  English  ▼

X  

AP1511 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1511
Description  PWM CONTROL 5A STEP-DOWN CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1511 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1511 Datasheet HTML 1Page - Diodes Incorporated AP1511 Datasheet HTML 2Page - Diodes Incorporated AP1511 Datasheet HTML 3Page - Diodes Incorporated AP1511 Datasheet HTML 4Page - Diodes Incorporated AP1511 Datasheet HTML 5Page - Diodes Incorporated AP1511 Datasheet HTML 6Page - Diodes Incorporated AP1511 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP1511
PWM CONTROL 5A STEP-DOWN CONVERTER
AP1511 Rev. 1
1 of 7
NOVEMBER 2007
www.diodes.com
© Diodes Incorporated
•
Input voltage: 3.6V to 23V
•
Output voltage: 0.8V to VCC
•
Duty ratio: 0% to 100% PWM control
•
Oscillation frequency: 300KHz typ.
•
Soft-start, Current limit, Enable function
•
Thermal Shutdown function
•
Built-in internal SW P-channel MOS
•
Lead-Free Package: SOP-16L
•
Lead Free Finish/RoHS Compliant (Note 1)
AP1511 consists of step-down switching regulator with PWM
control. These devices include a reference voltage source,
oscillation circuit, error amplifier, internal PMOS and etc.
AP1511 provides low-ripple power, high efficiency, and excellent
transient characteristics. The PWM control circuit is able to vary
the duty ratio linearly from 0 up to 100%. This converter also
contains an error amplifier circuit as well as a soft-start circuit that
prevents overshoot at startup. An enable function, an over
current protect function and a short circuit protect function are built
inside, and when OCP or SCP happens, the operation frequency
will be reduced from 300KHz to 30KHz. Also, an internal
compensation block is built in to minimum external component
count.
With the addition of an internal P-channel Power MOS, a coil,
capacitors, and a diode connected externally, these ICs can function
as step-down switching regulators. They serve as ideal power
supply units for portable devices when coupled with the SOP-16L
mini-package, providing such outstanding features as low current
consumption. Since this converter can accommodate an input
voltage up to 23V, it is also suitable for the operation via an AC
adapter.
•
Microprocessor core supply
•
Networking power supply
•
Telecom power supply
•
LCD MNT, TV power supply
AP 1511 X XX
Package
Packing
S : SOP-16L
-U : Tube
-13 : Tape & Reel
Lead Free
L : Lead Free
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number
Suffix
Quantity
Part Number Suffix
AP1511S
S
SOP-16L
50
-U
2500/Tape & Reel
-13
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information
Lead-free
Not Recommended
for New Designs


Similar Part No. - AP1511

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1511 ANACHIP-AP1511 Datasheet
177Kb / 5P
PWM Control 5A Step-Down Converter
Rev. 1.1 Mar 4, 2005
logo
Guangdong Youtai Semico...
AP1511 UMW-AP1511 Datasheet
769Kb / 8P
IR-Cut Removable (ICR) dedicated driver IC.
AP1511B UMW-AP1511B Datasheet
769Kb / 8P
IR-Cut Removable (ICR) dedicated driver IC.
logo
Anachip Corp
AP1511S ANACHIP-AP1511S Datasheet
177Kb / 5P
PWM Control 5A Step-Down Converter
Rev. 1.1 Mar 4, 2005
AP1511SA ANACHIP-AP1511SA Datasheet
177Kb / 5P
PWM Control 5A Step-Down Converter
Rev. 1.1 Mar 4, 2005
More results

Similar Description - AP1511

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1511 ANACHIP-AP1511 Datasheet
177Kb / 5P
PWM Control 5A Step-Down Converter
Rev. 1.1 Mar 4, 2005
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
logo
FOSLINK SEMICONDUCTOR C...
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
PWM Control 1500mA Step-Down Converter
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com