Electronic Components Datasheet Search
  English  ▼

X  

AP3154 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3154
Description  120mA HIGH EFFICIENCY WHITE LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3154 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3154 Datasheet HTML 5Page - Diodes Incorporated AP3154 Datasheet HTML 6Page - Diodes Incorporated AP3154 Datasheet HTML 7Page - Diodes Incorporated AP3154 Datasheet HTML 8Page - Diodes Incorporated AP3154 Datasheet HTML 9Page - Diodes Incorporated AP3154 Datasheet HTML 10Page - Diodes Incorporated AP3154 Datasheet HTML 11Page - Diodes Incorporated AP3154 Datasheet HTML 12Page - Diodes Incorporated AP3154 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AP3154
120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
12 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Package Information
(All Dimensions in mm)
(1) Package type: DFN3030-12
2.3 / 2.5
0.18/0.28
0.45typ
0.10 M C A B
R0.3
B
Bottom View
2.9 / 3.1
A
C
0.25 B
2x-
0.08 C
0.10 C
Seating plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com