Electronic Components Datasheet Search
  English  ▼

X  

DLP03LC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DLP03LC
Description  LOW CAPACITANCE UNIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLP03LC Datasheet(HTML) 1 Page - Diodes Incorporated

  DLP03LC Datasheet HTML 1Page - Diodes Incorporated DLP03LC Datasheet HTML 2Page - Diodes Incorporated DLP03LC Datasheet HTML 3Page - Diodes Incorporated DLP03LC Datasheet HTML 4Page - Diodes Incorporated DLP03LC Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DLP03LC
Document number: DS31132 Rev. 10 - 3
1 of 5
www.diodes.com
November 2009
© Diodes Incorporated
DLP03LC
NOT RECOMMENDED FOR NEW DESIGNS
LOW CAPACITANCE UNIDIRECTIONAL TVS
Features
•
350 Watts Peak Pulse Power (tp = 8x20
μs)
•
Transient Protection for data, signal, and VCC bus to IEC61000-
4-2 level 4 (ESD)
•
Low Capacitance, typ. = 4pF
•
Unidirectional Configuration
•
Lead Free/RoHS Compliant (Note 4)
•
"Green" Device (Note 5)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic, “Green” Molding Compound,
Note 4. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.0083 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power (tp = 8x20
μs)
Ppk
350
W
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
460
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT
Test
Current
Max. Reverse
Leakage @ VRWM
Max.
Clamping
Voltage
@ Ip = 1A
(Note 3)
Max.
Clamping
Voltage
VC @ Ipp
Max. Peak
Pulse
Current
(Note 2)
Typical
Total
Capacitance
(Note 1)
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (μA)
VC (V)
(V)
(A)
(pF)
3.3
4.0
⎯
1.0
110
8
18
20
4
Notes:
1. VR = 0V, f = 1MHz.
2. tp = 8x20
μs.
3. Clamping voltage value is based on an 8x20
μs peak pulse current (I
pp) waveform.
4. No purposefully added lead.
5. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
6. Device mounted on FR-4 PCB with pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
Top View
Device Schematic
NC
LINE TO
BE PROTECTED
GROUND
TVS


Similar Part No. - DLP03LC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLP05 DIODES-DLP05 Datasheet
77Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. D-2
DLP05LC DIODES-DLP05LC Datasheet
77Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. D-2
DLP05LC DIODES-DLP05LC Datasheet
108Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. 8 - 2
DLP05LC DIODES-DLP05LC Datasheet
88Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev. 11 - 2 September 2009
DLP05LC DIODES-DLP05LC Datasheet
164Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev 12
More results

Similar Description - DLP03LC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLP05LC DIODES-DLP05LC Datasheet
77Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. D-2
DLP05LC DIODES-DLP05LC_1 Datasheet
108Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. 8 - 2
DLP05LC DIODES-DLP05LC_09 Datasheet
88Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev. 11 - 2 September 2009
logo
Pan Jit International I...
PJLPT05 PANJIT-PJLPT05 Datasheet
191Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
logo
Diodes Incorporated
D5V0F1U2LP3 DIODES-D5V0F1U2LP3 Datasheet
270Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 3
D5V0F1U2S9 DIODES-D5V0F1U2S9 Datasheet
242Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 1
DLP05LC DIODES-DLP05LC_14 Datasheet
164Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev 12
DT2042-01CSP DIODES-DT2042-01CSP Datasheet
273Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 2
D5V0F1U2LP3Q DIODES-D5V0F1U2LP3Q Datasheet
381Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
June 2022 Rev. 1 - 2
D5V0F1U2S9Q DIODES-D5V0F1U2S9Q Datasheet
211Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
April 2019 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com