Electronic Components Datasheet Search
  English  ▼

X  

EDB101 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # EDB101
Description  GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

EDB101 Datasheet(HTML) 1 Page - Rectron Semiconductor

  EDB101 Datasheet HTML 1Page - Rectron Semiconductor EDB101 Datasheet HTML 2Page - Rectron Semiconductor EDB101 Datasheet HTML 3Page - Rectron Semiconductor EDB101 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GLASS PASSIVATED SUPER FAST
SILICON SURFACE MOUNT BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
EDB101
THRU
EDB106
DB-1
Dimensions in inches and (millimeters)
FEATURES
* Surge overload rating - 30 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Weight: 1.0 gram
* Good for automatic insertion
* UL listed the recongnized component directory,file #94233
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
2006-11
REV:B
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amps
1.0
30
-55 to + 150
0
C
pF
UNITS
Maximum Average Forward Output Current at TA = 55
oC
50
150
200
100
300
400
35
105
140
70
210
280
Volts
Amps
EDB101
EDB103
EDB104
EDB102
EDB105
EDB106
EDB101
EDB103
EDB104
EDB102
EDB105
EDB106
50
150
200
100
300
400
DC Blocking Voltage per element
CHARACTERISTICS
V
trr
F
SYMBOL
IR
UNITS
1.05
1.35
1.70
100
m
Amps
nSec
m
Amps
at 1.0A DC
Maximum Forward Voltage
Maximum Reverse Recovery Time (Note 1)
Volts
@TA = 25
oC
@TA = 100
oC
5.0
R q J A
0
C/W
R q J L
Typical Thermal Resistance (Note 3)
Note: 1.Test Conditions: IF=0.5A,IR=-1.0A,IRR=-0.25A.
2.Measured at 1MHz and applied reverse voltage of 4.0 volts.
3.Thermal Resistance : Mounted on PCB.
38
12
50
CJ
Typical Junction Capacitance (Note 2)
15
10
Maximum Reverse Current at Rated
.205 ( 5.2 )
.195 ( 5.0 )
.165 ( 4.2 )
.155 ( 3.9 )
.135 ( 3.4 )
.115 ( 2.9 )
.335 ( 8.51 )
.320 ( 8.12 )
.350 ( 8.9 )
.300 ( 7.6 )
.245 ( 6.2 )
.255 ( 6.5 )
( 0.5 )
( 1.5 )
.020
.060


Similar Part No. - EDB101

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EDB101 RECTRON-EDB101 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
EDB101 BILIN-EDB101 Datasheet
92Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
EDB101 LUGUANG-EDB101 Datasheet
165Kb / 2P
Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
EDB101 DSK-EDB101 Datasheet
110Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
EDB101 DYELEC-EDB101 Datasheet
1Mb / 2P
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - EDB101

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EDB101 RECTRON-EDB101 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER
EFM201 RECTRON-EFM201_06 Datasheet
528Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
logo
Zibo Seno Electronic En...
EABS1 ZSELEC-EABS1 Datasheet
94Kb / 2P
SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EABS21 ZSELEC-EABS21 Datasheet
94Kb / 2P
SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EABS151 ZSELEC-EABS151 Datasheet
94Kb / 2P
SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EMB1F ZSELEC-EMB1F Datasheet
95Kb / 2P
SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EMB1S ZSELEC-EMB1S Datasheet
95Kb / 2P
SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EMS1S ZSELEC-EMS1S Datasheet
95Kb / 2P
SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
ES3AV RECTRON-ES3AV Datasheet
389Kb / 7P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
UFM207 RECTRON-UFM207 Datasheet
222Kb / 7P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com