Electronic Components Datasheet Search
  English  ▼

X  

BC856B Datasheet(PDF) 2 Page - Weitron Technology

Part # BC856B
Description  PNP Dual General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC856B Datasheet(HTML) 2 Page - Weitron Technology

  BC856B Datasheet HTML 1Page - Weitron Technology BC856B Datasheet HTML 2Page - Weitron Technology BC856B Datasheet HTML 3Page - Weitron Technology BC856B Datasheet HTML 4Page - Weitron Technology BC856B Datasheet HTML 5Page - Weitron Technology BC856B Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC856BDW Series
Small-Signal Characteristics
Current-Gain-Bandwidth Product
VCE = –5.0V, IC = –10mA, f = 100MHz
Output Capacitance
VCB = –10V, f = 1.0kHz
Noise Figure
VCE = –5.0V, IC = –0.2mA, RS = 2.0k, f = 1.0kHz, BW = 200Hz
fT
Cob
NF
100
-
-
-
-
-
-
4.5
10
MHz
pF
dB
DC Current Gain
VCE = –5.0V, IC = –10µA
VCE = –5.0V, IC = –2.0mA
Collector-Emitter Saturation Voltage
IC = –10mA, IB = –0.5mA
IC = –100mA, IB = –5.0mA
Base-Emitter Saturation Voltage
IC = –10mA, IB = –0.5mA
IC = –100mA, IB = –5.0mA
Base-Emitter Voltage
VCE = –5.0V, IC = –2.0mA
VCE = –5.0V, IC = –10mA
hFE
ICBO
V(BR)EBO
V(BR)CBO
V(BR)CES
V(BR)CEO
VCE(sat)
VBE(sat)
VBE(on)
-
-
-
-
-
V
V
mV
-
-
On Characteristics
Collector-Emitter Breakdown Voltage
IC=10mA
Collector-Emitter Breakdown Voltage
VEB=0V, IC=-10µA
Emitter-Base Breakdown Voltage
IC=-10µA
Collector Cuto Current
VCB=-30V
VCB=-30V, TA=150°C
-15
-4.0
V
V
V
V
nA
µA
Off Characteristics
-65
-45
-30
-80
-50
-30
-80
-50
-30
-5.0
-5.0
-5.0
150
270
290
520
220
420
450
800
-0.3
-0.65
-0.7
-0.9
-750
-820
-600
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Characteristics
Symbol
Min
Max
-
-
-
-
-
-
-
-
-
-
-
-
Typ
Unit
Electrical Characteristics (T
A=25°C Unless Otherwise noted)
BC856
BC857
BC858
BC856
BC857
BC858
BC856
BC857
BC858
BC856
BC857
BC858
Emitter-Base Breakdown Voltage
IE=-1.0µA
BC856B, BC857B, BC858C
BC857C, BC858C
BC856B, BC857B, BC858C
BC857C, BC858C
WEITRON
BC856BDW Series
http://www.weitron.com.tw
14-Nov-07
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com