Electronic Components Datasheet Search
  English  ▼

X  

BC858C Datasheet(PDF) 1 Page - Weitron Technology

Part # BC858C
Description  PNP Dual General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC858C Datasheet(HTML) 1 Page - Weitron Technology

  BC858C Datasheet HTML 1Page - Weitron Technology BC858C Datasheet HTML 2Page - Weitron Technology BC858C Datasheet HTML 3Page - Weitron Technology BC858C Datasheet HTML 4Page - Weitron Technology BC858C Datasheet HTML 5Page - Weitron Technology BC858C Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PNP Dual General Purpose Transistors
Maximum Ratings
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base Voltage
Collector Current-Continuous
Symbol
VCEO
VCBO
VEBO
IC
BC856
65
80
Unit
V
V
V
mA
100
BC857
45
50
5.0
100
BC858
30
30
5.0
100
Rating
BC856BDW=3B , BC857BDW=3F , BC857CDW=3G , BC858BDW=3K , BC858CDW=3L
Device Marking
WEITRON
BC856BDW Series
http://www.weitron.com.tw
Total Device Dissipation Per Device
FR-5 Board(1)TA = 25°C
Derate Above 25°C
Thermal Resistance, Junction to Ambient
Junction Temperature Range
Storage Temperature Range
Characteristics
Tj
Tstg
PD
Symbol
Max
380
250
3.0
328
+150
-55 to +150
Unit
mW
mW/ °C
°C/W
°C
°C
Thermal Characteristics
RθJA
Note : FR-5=1.0 x 0.75 x 0.062 inch
SOT-363(SC-88)
1
2
3
6 5
4
5.0
14-Nov-07
1/6
3
4
5
1
2
6
PNP+PNP
Lead(Pb)-Free
P b


Similar Part No. - BC858C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC858C TRSYS-BC858C Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC858C SIEMENS-BC858C Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC858C FAIRCHILD-BC858C Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
Diodes Incorporated
BC858C DIODES-BC858C Datasheet
44Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
logo
Micro Commercial Compon...
BC858C MCC-BC858C Datasheet
106Kb / 2P
PNP Small Signal Transistor 310mW
More results

Similar Description - BC858C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
Dual General Purpose Transistors(PNP Duals)
logo
Cystech Electonics Corp...
HBP2907S6R CYSTEKEC-HBP2907S6R Datasheet
193Kb / 5P
General Purpose PNP Epitaxial Planar Transistors(dual transistors)
logo
Weitron Technology
MMDT2227DW WEITRON-MMDT2227DW Datasheet
131Kb / 5P
NPNPNP Dual General Purpose Transistors
logo
Cystech Electonics Corp...
HBP1037S6R CYSTEKEC-HBP1037S6R Datasheet
203Kb / 5P
General Purpose PNP Epitaxial Planar Transistors (dual transistors)
HBP3906S6R CYSTEKEC-HBP3906S6R Datasheet
152Kb / 4P
Dual General Purpose PNP Transistors
logo
Weitron Technology
BC846BPDW WEITRON-BC846BPDW Datasheet
517Kb / 9P
NPN/PNP Dual General Purpose Transistors
logo
SeCoS Halbleitertechnol...
UMT1N SECOS-UMT1N Datasheet
104Kb / 1P
-0.15A , -60V Dual PNP General Purpose Transistors
logo
Leshan Radio Company
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
Dual General Purpose Transistors PNP Duals
logo
SeCoS Halbleitertechnol...
UMT1N SECOS-UMT1N_15 Datasheet
98Kb / 1P
Dual PNP General Purpose Transistors
logo
Cystech Electonics Corp...
HBP3906S6R CYSTEKEC-HBP3906S6R_17 Datasheet
323Kb / 7P
Dual General Purpose PNP Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com