Electronic Components Datasheet Search
  English  ▼

X  

BAS85 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # BAS85
Description  Small-Signal Diode Schottky Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BAS85 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  BAS85 Datasheet HTML 1Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(T
A=25
oC unless otherwise noted.)
For general purpose applications.
This diode features low turn-on voltage.
The devices are protected by a PN junction guard ring against
excessive voltage, such as electrostatic discharges.
This diode is also available in the DO-35 case with type
designation BAT85.
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05 grams
Cathode Band Color: Green
5
8
S
A
B
e
d
o
i
D
l
a
n
g
i
S
-
ll
a
m
S
e
d
o
i
D
y
k
t
t
o
h
c
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
s
u
o
u
n
i
t
n
o
CV
R
0
3s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
s
u
o
u
n
i
t
n
o
c
d
r
a
w
r
o
F
b
m
a
5
2
=
oCI
F
0
0
2
)
1
(
A
m
T
t
a
t
n
e
r
r
u
c
d
r
a
w
r
o
f
k
a
e
P
b
m
a
5
2
=
oCI
M
F
0
0
3
)
1
(
A
m
T
,
s
1
<
p
t
t
a
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
g
r
u
S
b
m
a
5
2
=
oCI
M
S
F
0
0
6
)
1
(
A
m
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
6
=
oCP
t
o
t
0
0
2
)
1
(
W
m
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ A
J
0
3
4
)
1
(o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
JT
j
5
2
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
S
0
5
1
+
o
t
5
5
-
oC
698
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
J=25
oC unless otherwise noted.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
b
e
s
r
e
v
e
RV
R
)
R
B
(
I
R
0
1
=
u
)
d
e
s
l
u
p
(
A0
3-
-
s
t
l
o
V
t
n
e
r
r
u
c
e
g
a
k
a
e
LI
R
V
R
V
5
2
=-
2
.
02
uA
e
g
a
t
l
o
v
d
r
a
w
r
o
FV
F
0
0
3
<
p
t
t
s
e
T
e
s
l
u
P
us
I
F
A
m
1
.
0
=
I
F
A
m
1
=
I
F
A
m
0
1
=
I
F
A
m
0
3
=
I
F
A
m
0
0
1
=
-
-
-
-
-
-
-
-
5
.
0
-
4
2
.
0
2
3
.
0
4
.
0
-
8
.
0
t
l
o
V
e
c
n
a
t
i
c
a
p
a
CC
t
o
t
V
R
z
H
M
1
=
f
,
V
1
=-
-
0
1
pF
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
Rt
r
r
I
F
I
,
A
m
0
1
=
R
,
A
m
0
1
=
I
R
A
m
1
=
--
5
ns
Notes:
1. Valid provided that electrodes are kept at ambient temperature.


Similar Part No. - BAS85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS85 PHILIPS-BAS85 Datasheet
25Kb / 5P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAS85 DIODES-BAS85 Datasheet
47Kb / 1P
SILICON SCHOTTKY BARRIER DIODE
DS30189 Rev. A-5
logo
General Semiconductor
BAS85 GE-BAS85 Datasheet
42Kb / 2P
Schottky Diodes
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
More results

Similar Description - BAS85

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BAS86 GOOD-ARK-BAS86 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
LL46 GOOD-ARK-LL46 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
BAT41 GOOD-ARK-BAT41_15 Datasheet
133Kb / 2P
Small-Signal Diode Schottky Diode
BAS86 GOOD-ARK-BAS86_15 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
BAT86 GOOD-ARK-BAT86_15 Datasheet
57Kb / 1P
Small-Signal Diode Schottky Diode
BAT85 GOOD-ARK-BAT85_15 Datasheet
128Kb / 2P
Small-Signal Diode Schottky Diode
BAT48 GOOD-ARK-BAT48_15 Datasheet
106Kb / 3P
Small-Signal Diode Schottky Diode
LL41 GOOD-ARK-LL41_15 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
LL46 GOOD-ARK-LL46_15 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
LL48 GOOD-ARK-LL48_15 Datasheet
62Kb / 2P
Small-Signal Diode Schottky Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com