Electronic Components Datasheet Search
  English  ▼

X  

BAS86 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # BAS86
Description  Small-Signal Diode Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BAS86 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  BAS86 Datasheet HTML 1Page - GOOD-ARK Electronics BAS86 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(T
A=25
oC unless otherwise noted.)
For general purpose applications.
This diode features low turn-on voltage. This device are
protected by a PN junction guard ring against excessive
voltage, such as electrostatic discharges
Metal-on-silicon Schottky barrier device which is protected by a
PN junction guard ring.
The low forward voltage drop and fast switching make it ideal
for protection of MOS devices, steering, biasing and coupling
diodes for fast switching and low logic level applications.
This diode is also available in the DO-35 case with type
designation BAT86.
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05g
Cathode Band Color: Green
6
8
S
A
B
e
d
o
i
D
l
a
n
g
i
S
-
ll
a
m
S
e
d
o
i
D
y
k
t
t
o
h
c
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
s
u
o
u
n
i
t
n
o
CV
R
0
5s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
s
u
o
u
n
i
t
n
o
c
d
r
a
w
r
o
F
b
m
a
5
2
=
oCI
F
0
0
2
)
1
(
A
m
t
n
e
r
r
u
c
d
r
a
w
r
o
f
k
a
e
p
e
v
i
t
i
t
e
p
e
R
,
s
1
<
p
t
t
a
υ<
T
,
5
.
0
b
m
a
5
2
=
oC
I
M
R
F
0
0
5
)
1
(
A
m
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
2
=
oCP
t
o
t
0
0
2
)
1
(
W
m
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ A
J
0
0
3
)
1
(o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
JT
j
5
2
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
o
t
n
e
i
b
m
AT
b
m
a
5
2
1
+
o
t
5
6
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
S
0
5
1
+
o
t
5
6
-
oC
699
Notes:
1. Valid provided that electrodes are kept at ambient temperature.


Similar Part No. - BAS86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS86 PHILIPS-BAS86 Datasheet
28Kb / 6P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
231Kb / 5P
Small Signal Schottky Diode
03-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BAS86 SEMTECH_ELEC-BAS86 Datasheet
194Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Rectron Semiconductor
BAS86 RECTRON-BAS86 Datasheet
39Kb / 1P
SCHOTTKY DIODES
More results

Similar Description - BAS86

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BAS85 GOOD-ARK-BAS85 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
LL46 GOOD-ARK-LL46 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
BAT41 GOOD-ARK-BAT41_15 Datasheet
133Kb / 2P
Small-Signal Diode Schottky Diode
BAS86 GOOD-ARK-BAS86_15 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
BAT86 GOOD-ARK-BAT86_15 Datasheet
57Kb / 1P
Small-Signal Diode Schottky Diode
BAT85 GOOD-ARK-BAT85_15 Datasheet
128Kb / 2P
Small-Signal Diode Schottky Diode
BAT48 GOOD-ARK-BAT48_15 Datasheet
106Kb / 3P
Small-Signal Diode Schottky Diode
LL41 GOOD-ARK-LL41_15 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
LL46 GOOD-ARK-LL46_15 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
LL48 GOOD-ARK-LL48_15 Datasheet
62Kb / 2P
Small-Signal Diode Schottky Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com