Electronic Components Datasheet Search
  English  ▼

X  

LL46 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LL46
Description  Small-Signal Diode Schottky Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LL46 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LL46 Datasheet HTML 1Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
704
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(Ratings at 25oC ambient temperature unless otherwise specified.)
For general purpose applications.
This diode features low turn-on voltage and high break-down
voltage. This device is protected by a PN junction guardring
against excessive voltage, such as electrostatic discharges.
This diode is also available in the DO-35 case with type
designation BAT46.
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05g
Cathode Band Color: Green
6
4
L
L
e
d
o
i
D
l
a
n
g
i
S
-
ll
a
m
S
e
d
o
i
D
y
k
t
t
o
h
c
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
0
1s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
s
u
o
u
n
i
t
n
o
c
d
r
a
w
r
o
F
b
m
a
5
2
=
oCI
F
0
5
1
)
1
(
A
m
t
n
e
r
r
u
c
d
r
a
w
r
o
f
k
a
e
p
e
v
i
t
i
t
e
p
e
R
t
t
a
p
,
s
1
<
δ<
T
,
5
.
0
b
m
a
5
2
=
oC
I
M
R
F
0
5
3
)
1
(
A
m
t
t
a
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
g
r
u
S
p
T
,
s
m
0
1
<
b
m
a
5
2
=
oCI
M
S
F
0
5
7
)
1
(
A
m
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
0
8
=
oCP
t
o
t
0
0
2
)
1
(
W
m
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ A
J
3
.
0
)
1
(o
W
m
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
JT
j
5
2
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
o
t
n
e
i
b
m
AT
b
m
a
5
2
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
S
0
5
1
+
o
t
5
6
-
oC
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
J=25
oC unless otherwise noted.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
b
e
s
r
e
v
e
RV
R
)
R
B
(
0
0
1
u
)
d
e
s
l
u
p
(
A0
0
1-
-
s
t
l
o
V
t
n
e
r
r
u
c
e
g
a
k
a
e
L
t
t
s
e
t
e
s
l
u
p
p
0
0
3
<
u ,
s
δ %
2
<
I
R
V
R
V
5
.
1
=
V
R
T
,
V
5
.
1
=
j
0
6
=
oC
V
R
V
0
1
=
V
R
T
,
V
0
1
=
j
0
6
=
oC
V
R
V
0
5
=
V
R
T
,
V
0
5
=
j
0
6
=
oC
V
R
V
5
7
=
V
R
T
,
V
5
7
=
j
0
6
=
OC
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
5
.
0
5
8
.
0
5
.
7
2
5
1
5
0
2
uA
e
g
a
t
l
o
v
d
r
a
w
r
o
F
t
t
s
e
t
e
s
l
u
p
p
0
0
3
<
u ,
s
δ %
2
<
V
F
I
F
A
m
1
.
0
=
I
F
A
m
0
1
=
I
F
A
m
0
5
2
=
-
-
-
-
-
-
5
2
.
0
5
4
.
0
0
.
1
t
l
o
V
e
c
n
a
t
i
c
a
p
a
CC
t
o
t
V
R
z
H
M
1
=
f
,
V
0
=
V
R
z
H
M
1
=
f
,
V
1
=
-
-
0
1
6
-
-
pF
Notes:
1. Valid provided that electrodes are kept at ambient temperature


Similar Part No. - LL46

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL46 DIODES-LL46 Datasheet
49Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30074 Rev. A-2
logo
General Semiconductor
LL46 GE-LL46 Datasheet
42Kb / 2P
Schottky Diodes
logo
Vishay Siliconix
LL46 VISHAY-LL46 Datasheet
138Kb / 5P
Small Signal Schottky Diode
21-Nov-06
logo
SynSemi, Inc.
LL46 SYNSEMI-LL46 Datasheet
28Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Jinan Jingheng (Group) ...
LL46 JINANJINGHENG-LL46 Datasheet
74Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - LL46

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BAS85 GOOD-ARK-BAS85 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
BAS86 GOOD-ARK-BAS86 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
BAT41 GOOD-ARK-BAT41_15 Datasheet
133Kb / 2P
Small-Signal Diode Schottky Diode
BAS86 GOOD-ARK-BAS86_15 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
BAT86 GOOD-ARK-BAT86_15 Datasheet
57Kb / 1P
Small-Signal Diode Schottky Diode
BAT85 GOOD-ARK-BAT85_15 Datasheet
128Kb / 2P
Small-Signal Diode Schottky Diode
BAT48 GOOD-ARK-BAT48_15 Datasheet
106Kb / 3P
Small-Signal Diode Schottky Diode
LL41 GOOD-ARK-LL41_15 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
LL46 GOOD-ARK-LL46_15 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
LL48 GOOD-ARK-LL48_15 Datasheet
62Kb / 2P
Small-Signal Diode Schottky Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com