Electronic Components Datasheet Search
  English  ▼

X  

LL48 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LL48
Description  Small-Signal Diode Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LL48 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LL48 Datasheet HTML 1Page - GOOD-ARK Electronics LL48 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
705
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(Ratings at 25oC ambient temperature unless otherwise specified.)
For general purpose applications.
This diode features low turn-on voltage and high break-down
voltage.
This device is protected by a PN junction guard ring against
excessive voltage, such as electrostatic discharges.
This diode is also available in the DO-35 case with type
designation BAT48.
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05g
Cathode Band Color: Green
8
4
L
L
e
d
o
i
D
l
a
n
g
i
S
-
ll
a
m
S
e
d
o
i
D
y
k
t
t
o
h
c
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
4s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
s
u
o
u
n
i
t
n
o
c
d
r
a
w
r
o
F
b
m
a
5
2
=
oCI
F
0
5
3
)
1
(
A
m
t
n
e
r
r
u
c
d
r
a
w
r
o
f
k
a
e
p
e
v
i
t
i
t
e
p
e
R
t
t
a
p
,
s
1
<
δ<
T
,
5
.
0
b
m
a
5
2
=
oC
I
M
R
F
0
.
1
)
1
(
p
m
A
t
t
a
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
g
r
u
S
p
T
,
s
m
0
1
<
b
m
a
5
2
=
oCI
M
S
F
5
.
7
)
1
(
s
p
m
A
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
)
1
(
T
t
a
b
m
a
0
8
=
oCP
t
o
t
0
3
3
)
1
(
W
m
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ A
J
0
0
3
)
1
(o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
JT
j
5
2
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
o
t
n
e
i
b
m
AT
b
m
a
5
2
1
+
o
t
5
6
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
S
0
5
1
+
o
t
5
6
-
oC
Notes:
1. Valid provided that leads at a distance of 4mm from case are kept at ambient temperature


Similar Part No. - LL48

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL48 GE-LL48 Datasheet
47Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
LL48 MCC-LL48 Datasheet
387Kb / 3P
Small Signal Schottky Diode
logo
SynSemi, Inc.
LL48 SYNSEMI-LL48 Datasheet
29Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shanghai Lunsure Electr...
LL48 CHENYI-LL48 Datasheet
354Kb / 3P
small signal schottky diode
logo
Jinan Jingheng (Group) ...
LL48 JINANJINGHENG-LL48 Datasheet
73Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - LL48

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BAS85 GOOD-ARK-BAS85 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
BAS86 GOOD-ARK-BAS86 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
BAT41 GOOD-ARK-BAT41_15 Datasheet
133Kb / 2P
Small-Signal Diode Schottky Diode
BAS86 GOOD-ARK-BAS86_15 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
BAT86 GOOD-ARK-BAT86_15 Datasheet
57Kb / 1P
Small-Signal Diode Schottky Diode
BAT85 GOOD-ARK-BAT85_15 Datasheet
128Kb / 2P
Small-Signal Diode Schottky Diode
BAT48 GOOD-ARK-BAT48_15 Datasheet
106Kb / 3P
Small-Signal Diode Schottky Diode
LL41 GOOD-ARK-LL41_15 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
LL46 GOOD-ARK-LL46_15 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
LL48 GOOD-ARK-LL48_15 Datasheet
62Kb / 2P
Small-Signal Diode Schottky Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com