Electronic Components Datasheet Search
  English  ▼

X  

ESDA5V3 Datasheet(PDF) 3 Page - Weitron Technology

Part # ESDA5V3
Description  Dual transil arr ay for ESD protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ESDA5V3 Datasheet(HTML) 3 Page - Weitron Technology

  ESDA5V3 Datasheet HTML 1Page - Weitron Technology ESDA5V3 Datasheet HTML 2Page - Weitron Technology ESDA5V3 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
http://www.weitron.com.tw
3/3
ESDAxx Series
26-Apr-07
Fig.2 Peak pulse power vs exponential
pulse duration(Tj =25°C)
Fig.4 Capacitance vs Reverse applied voltage
Fig.3 Clamping voltage vs peak pulse current
(Tj =25°C, rectangular waveform, tp=2.5µs)
Fig.6 Peak forward voltage drop vs
peak forward current
Fig.5 Relative varation of leakage current vs
Versus junction temperature
Typical Characteristics
Fig.1 Peak power dissipation vs
Initial junction temperature
0
25
50
75
100
125
150
1.1
1.0
0.9
0.8
0.7
0.6
0
0.5
0.4
0.3
0.2
0.1
0
10
100
3000
1000
100
0
Tj initial(ºC)
Tj(ºC)
Vcl(V)
VR(V)
tp(µs)
0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
50.0
10.0
1.0
0.1
1
2
5
10
20
50
200
100
50
20
0
tp=2.5µs
F=1MHz
Vosc=30mV
ESDA5V3
ESDA6V1
ESDA14V2
ESDA25
ESDA5V3
ESDA6V1
ESDA14V2
ESDA25
VFM(V)
25
50
75
100
125
200
100
10
1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
1.0
0.1
0.01
Tj=25ºC
ESDA5V3
ESDA6V1~ESDA14V2
ESDA25
ESDA5V3
ESDA6V1
ESDA14V2
ESDA25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com