Electronic Components Datasheet Search
  English  ▼

X  

2477 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2477
Description  Miniature Banana Jack To Standard Banana Plug Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2477 Datasheet(HTML) 1 Page - Pomona Electronics

  2477 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90556 (800) 444-6785 or (425) 446-6010
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d2477_1_01.doc
Page 1 of
1
Model 2477
Miniature Banana Jack To
Standard Banana Plug Adapter
Sales: 800-490-2362 Fax: 888-403-3360
Technical Assistance: 800-241-2060
FEATURES:
• Permits miniature banana plug to be used with equipment having standard banana jacks.
• Cross stacking banana plug.
MATERIALS:
Upper Conn.:
Miniature Banana Jack
Body: Brass per QQ-B-626, Alloy 360,
½ Hard.
Finish: Nickel plate per QQ-N-290 Class 2
(.0002/.0003)
Insulation: ABS molded to miniature banana
jack and banana plug body.
Color: See Ordering Information.
Marking: “POMONA ELECTRONICS CALIF.
2477”.
Lower Conn.:
Standard Banana Plug:
Spring: Beryllium Copper per QQ-C-533,
Berylco 25, Cond. H.T.
Plug body: Brass per QQ-B-626, Alloy 360, 1/2/Hard.
Finish: Nickel plate per QQ-N-290 Class 2
(.0002/.0003).
RATINGS:
Operation Temperature: +50
°C. (+122°F.)
Operating Voltage: 2500 VRMS
Current: 5 Amperes Cont.
ORDERING INFORMATION: Model 2477-*
*=Color, -0 Black, -2 Red
Ordering Example: 2477-2 Adapter color is Red


Similar Part No. - 2477

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2477 KR-2477 Datasheet
24Kb / 2P
Bandpass Filter
logo
Keystone Electronics Co...
2477 KEYSTONE-2477 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Heyco.
2477 HEYCO-2477 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Molex Electronics Ltd.
2477 MOLEX-2477 Datasheet
32Kb / 2P
KK® Interconnect System - Molex
03/13/2019
2477-(P909) MOLEX11-2477-(P909) Datasheet
71Kb / 1P
CRIMP TERMINAL , 156 18 TO 24 AWG WIRE
More results

Similar Description - 2477

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2138 POMONA-2138 Datasheet
21Kb / 1P
Standard Banana Jack To Miniature Banana Plug
2952 POMONA-2952 Datasheet
24Kb / 1P
Adapter - Standard Double Banana Jack To Miniature Double Banana Plug
3014 POMONA-3014 Datasheet
26Kb / 1P
Stacking Banana Plug To Miniature Stacking Banana Plug
6728 POMONA-6728 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
logo
3M Electronics
6728-0 3M-6728-0 Datasheet
48Kb / 1P
Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
Rev 001
logo
List of Unclassifed Man...
BU-32101-0 ETC2-BU-32101-0 Datasheet
49Kb / 1P
Insulated Banana Jack To Standard Banana Plug
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com